Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2128 Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC2128
Description  75V, Synchronous Buck Controller Featuring Adaptive On-Time Control with External Soft Start
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2128 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC2128 Datasheet HTML 10Page - Microchip Technology MIC2128 Datasheet HTML 11Page - Microchip Technology MIC2128 Datasheet HTML 12Page - Microchip Technology MIC2128 Datasheet HTML 13Page - Microchip Technology MIC2128 Datasheet HTML 14Page - Microchip Technology MIC2128 Datasheet HTML 15Page - Microchip Technology MIC2128 Datasheet HTML 16Page - Microchip Technology MIC2128 Datasheet HTML 17Page - Microchip Technology MIC2128 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
MIC2128
DS20005620A-page 14
 2016 Microchip Technology Inc.
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
3.1
Power Good Output Pin (PG)
Connect PG to VDD through a pull up resistor. PG is low
when the FB voltage is 10% below the 0.6V reference
voltage.
3.2
Current Limit Pin (ILIM)
Connect a resistor from ILIM to SW to set current limit.
Refer to Section 4.3 “Current Limit (ILIM)” for more
details.
3.3
Switch Pin (SW)
SW pin provides return path for the high-side
N-MOSFET gate driver when DH is low and is also
used to sense low-side MOSFET current by monitoring
the SW node voltage for negative current limit function.
Connect SW to the pin where high-side MOSFET
source and the low-side MOSFET drain terminal are
connected together.
3.4
Bootstrap Capacitor Pin (BST)
BST capacitor acts as supply for the high-side
N-MOSFET driver. Connect a minimum of 0.1 µF low
ESR ceramic capacitor between BST and SW. Refer to
Section 4.5 “High-Side MOSFET Gate Drive (DH)”
section for more details.
3.5
High-Side N-MOSFET Gate Driver
Output Pin (DH)
High-side N-MOSFET gate driver Output. Connect DH
to the gate of external high-side N-MOSFET.
3.6
Power Ground Pin (PGND)
PGND provides return path for the internal low-side
N-MOSFET gate driver output and also acts as
reference for current limit comparator. Connect PGND to
the external low-side N-MOSFET source terminal and
to the return terminal of PVDD bypass capacitor.
3.7
Low-Side N-MOSFET Gate Driver
Output Pin (DL)
Low-side N-MOSFET gate driver output. Connect to
the gate terminal of the external low-side N-MOSFET.
TABLE 3-1:
PIN FUNCTION TABLE
MIC2128
Symbol
Pin Function
1
PG
Open-drain Power Good Output pin
2ILIM
Current Limit setting resistor connection pin
3
SW
Switch Pin and Current Sense Input for negative current limit
4
BST
Bootstrap Capacitor Connection Pin
5
DH
High-side N-MOSFET gate driver Output
6PGND
Power Ground
7
DL
Low-side N-MOSFET gate driver output.
8PVDD
Internal high voltage LDO Output of the MIC2128
9
EXTVDD
Supply to the internal low voltage LDO
10
EN
Enable Input
11
FREQ
Switching Frequency Programming Input
12
SS
Soft-Start time setting capacitor connection pin
13
FB
Feedback Input
14
AGND
Analog ground
15
VDD
Supply for the MIC2128 internal analog circuits
16
VIN
Supply Input for the internal high voltage LDO
17
EP
Exposed Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com