Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2128 Datasheet(PDF) 25 Page - Microchip Technology

Part # MIC2128
Description  75V, Synchronous Buck Controller Featuring Adaptive On-Time Control with External Soft Start
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2128 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MIC2128 Datasheet HTML 21Page - Microchip Technology MIC2128 Datasheet HTML 22Page - Microchip Technology MIC2128 Datasheet HTML 23Page - Microchip Technology MIC2128 Datasheet HTML 24Page - Microchip Technology MIC2128 Datasheet HTML 25Page - Microchip Technology MIC2128 Datasheet HTML 26Page - Microchip Technology MIC2128 Datasheet HTML 27Page - Microchip Technology MIC2128 Datasheet HTML 28Page - Microchip Technology MIC2128 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
 2016 Microchip Technology Inc.
DS20005620A-page 25
MIC2128
EQUATION 5-33:
The maximum recommended operating junction
temperature for the MIC2128 is 125°C.
Using the output voltage of the same switching
regulator, when it is in between 4.6V (typ.) to 14V, as
the voltage at the EXTVDD pin, significantly reduces
the power dissipation inside the MIC2128. This
reduces the junction temperature rise as illustrated
below.
For the typical case of VVIN = 48V, VOUT = 5V, the
maximum ambient temperature = 85°C and 10 mA of
ISW.
The condition where EXTVDD is not used is shown in
Equation 5-34:
EQUATION 5-34:
When the 5V output is used as the input to the EXT-
VDD pin, the MIC2128 junction temperature reduces
from 113°C to 88°C as calculated in Equation 5-35:
EQUATION 5-35:
T
J
P
IC
JA
 T
A
+
=
Where:
TJ
= Junction temperature
PIC
= Power dissipation
θJA
= Junction Ambient Thermal resistance
(50.8
°C/W)
P
IC
48V
10mA
1.5
·
mA
+

=
P
IC
0.552W
=
T
J
0.552W
50.8
CW
 85
C
+
=
T
J
113
C
=
P
IC
5V10mA
1.5mA
+

=
P
IC
0.058W
=
T
J
0.058W
50.8
CW
 85
C
+
=
T
J
88
C
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com