Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2128 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC2128
Description  75V, Synchronous Buck Controller Featuring Adaptive On-Time Control with External Soft Start
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2128 Datasheet(HTML) 1 Page - Microchip Technology

  MIC2128 Datasheet HTML 1Page - Microchip Technology MIC2128 Datasheet HTML 2Page - Microchip Technology MIC2128 Datasheet HTML 3Page - Microchip Technology MIC2128 Datasheet HTML 4Page - Microchip Technology MIC2128 Datasheet HTML 5Page - Microchip Technology MIC2128 Datasheet HTML 6Page - Microchip Technology MIC2128 Datasheet HTML 7Page - Microchip Technology MIC2128 Datasheet HTML 8Page - Microchip Technology MIC2128 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
 2016 Microchip Technology Inc.
DS20005620A-page 1
MIC2128
Features
• Hyper Speed Control® Architecture Enables:
- High Input to Output Voltage Conversion
Ratio Capability
- Any Capacitor™ Stable
- Ultra-Fast Load Transient Response
• Wide 4.5V to 75V Input Voltage Range
• Adjustable Output Voltage from 0.6V to 30V
• 270 kHz to 800 kHz Programmable Switching
Frequency
• Built-in 5V Regulator for Single-Supply Operation
• Auxiliary Bootstrap LDO for Improving System
Efficiency
• Internal Bootstrap Diode
• Adjustable Soft-Start Time
• Enable Input and Power Good Output
• Programmable Current Limit
• Hiccup Mode Short-Circuit Protection
• Internal Compensation and Thermal Shutdown
• Supports Safe Start-Up into a Prebiased Output
Applications
• Networking/Telecom Equipment
• Base Station, Servers
• Distributed Power Systems
• Industrial Power Supplies
General Description
The MIC2128 is a constant-frequency synchronous
buck controller featuring a unique adaptive on-time
control architecture with external soft start. The
MIC2128 operates over an input voltage range from
4.5V to 75V.The output voltage is adjustable down to
0.6V with a guaranteed accuracy of ±1%. The device
operates with programmable switching frequency from
270 kHz to 800 kHz.
The MIC2128 features an external soft-start pin (SS)
which allows the user to adjust output soft-start time to
reduce inrush current from mains during start-up. The
MIC2128 features an auxiliary bootstrap LDO which
improves the system efficiency by supplying the
MIC2128 internal circuit bias power and gate drivers
from output of the converter. A logic level enable (EN)
signal can be used to enable or disable the
controller.The MIC2128 can start-up monotonically into
a prebiased output. The MIC2128 features an open
drain power good signal (PG) which signals when the
output is in regulation and can be used for simple
power supply sequencing purpose.
The MIC2128 offers a full suite of protection features to
ensure protection of the IC during Fault conditions.
These include undervoltage lockout to ensure proper
operation under power-sag conditions, “hiccup” mode
short-circuit protection and thermal shutdown.
The MIC2128 is available in a 16-pin 3 mm x 3 mm
QFN package, with an operating junction temperature
range from -40°C to +125°C.
Package Types
2
SW
BST
PG
SS
FREQ
EN
EXTVDD
ILIM
16
1
15 14 13
3
4
11
10
9
56
7
8
12
MIC2128
3x3 QFN*
(Top View)
EP
* Includes Exposed Thermal Pad (EP); see Table 3-1.
75V, Synchronous Buck Controller Featuring Adaptive
On-Time Control with External Soft Start


Similar Part No. - MIC2128

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2124 MICREL-MIC2124 Datasheet
680Kb / 24P
Constant Frequency, Synchronous Current Mode Buck Controller
MIC2124YMM MICREL-MIC2124YMM Datasheet
680Kb / 24P
Constant Frequency, Synchronous Current Mode Buck Controller
logo
Microchip Technology
MIC2125 MICROCHIP-MIC2125 Datasheet
1Mb / 34P
28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
07/14/15
MIC2125YML MICROCHIP-MIC2125YML Datasheet
1Mb / 34P
28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
07/14/15
MIC2126 MICROCHIP-MIC2126 Datasheet
1Mb / 34P
28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
07/14/15
More results

Similar Description - MIC2128

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2164 MICREL-MIC2164 Datasheet
918Kb / 36P
Constant Frequency, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2174 MICREL-MIC2174_10 Datasheet
706Kb / 27P
Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
MIC2176-1 MICREL-MIC2176-1 Datasheet
1Mb / 31P
Wide Input Voltage, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2101 MICREL-MIC2101 Datasheet
1Mb / 37P
38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2103 MICREL-MIC2103 Datasheet
1Mb / 36P
75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2125 MICROCHIP-MIC2125 Datasheet
1Mb / 34P
28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
07/14/15
logo
Micrel Semiconductor
MIC2103 MICREL-MIC2103_13 Datasheet
1Mb / 38P
75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
MIC2101 MICREL-MIC2101_13 Datasheet
1Mb / 36P
38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2103 MICROCHIP-MIC2103 Datasheet
1Mb / 42P
75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
10/25/17
MIC2127A MICROCHIP-MIC2127A Datasheet
827Kb / 38P
75V, Synchronous Buck Controller Featuring Adaptive On-Time Control
11/07/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com