Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2128 Datasheet(PDF) 15 Page - Microchip Technology

Part # MIC2128
Description  75V, Synchronous Buck Controller Featuring Adaptive On-Time Control with External Soft Start
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2128 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MIC2128 Datasheet HTML 11Page - Microchip Technology MIC2128 Datasheet HTML 12Page - Microchip Technology MIC2128 Datasheet HTML 13Page - Microchip Technology MIC2128 Datasheet HTML 14Page - Microchip Technology MIC2128 Datasheet HTML 15Page - Microchip Technology MIC2128 Datasheet HTML 16Page - Microchip Technology MIC2128 Datasheet HTML 17Page - Microchip Technology MIC2128 Datasheet HTML 18Page - Microchip Technology MIC2128 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
 2016 Microchip Technology Inc.
DS20005620A-page 15
MIC2128
3.8
Internal High Voltage LDO Output
Pin (PVDD)
Internal high voltage LDO Output of the MIC2128.
PVDD is the supply for the low-side MOSFET driver and
for floating high-side MOSFET driver. Connect a
minimum of 4.7 µF low ESR ceramic capacitor from
PVDD to PGND.
3.9
EXTVDD
Supply to the internal low voltage LDO. Connect
EXTVDD to the output of the Buck converter if it is
between 4.7V to 14V to improve system efficiency.
Bypass EXTVDD with a minimum of 1 µF low ESR
ceramic capacitor.
3.10
Enable Input Pin (EN)
EN is a logic input. Connect to logic high to enable the
converter and connect to logic low to disable the
converter.
3.11
Switching Frequency
Programming Input Pin (FREQ)
Switching Frequency Programming Input. Connect to
mid-point of the resistor divider formed between VIN
and AGND to set switching frequency of the converter.
Tie FREQ to VIN to set the switching frequency to
800 kHz. Refer to Section 5.1 “Setting the Switching
Frequency”
for more details.
3.12
Soft-Start Time Setting Capacitor
Connection Pin (SS)
Soft-Start time setting capacitor connection pin.
Connect a ceramic capacitor from SS to AGND to set
the output Soft-Start time. Refer to Section 5.3
“Setting the Soft-Start Time”
section for further
details.
3.13
Feedback Input Pin (FB)
FB is input to the transconductance amplifier of the
control loop. The control loop regulates the FB voltage
to 0.6V. Connect FB node to mid-point of the resistor
divider between output and AGND.
3.14
Analog Ground Pin (AGND)
AGND is reference to the analog control circuits inside
the MIC2128. Connect AGND to PGND at one point on
PCB.
3.15
Bias Voltage Pin (VDD)
Supply for the MIC2128 internal analog circuits. Con-
nect VDD to PVDD of the MIC2128 through a low pass
filter. Connect a minimum of 4.7 µF low ESR ceramic
capacitor from VDD to AGND for decoupling.
3.16
Input Voltage Pin (VIN)
Supply Input to the internal high voltage LDO. Connect
to the main power source and bypass to PGND with a
minimum of 0.1 µF low ESR ceramic capacitor.
3.17
Exposed Pad (EP)
Connect to AGND copper plane to improve thermal
performance of the MIC2128.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com