Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2128 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC2128
Description  75V, Synchronous Buck Controller Featuring Adaptive On-Time Control with External Soft Start
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2128 Datasheet(HTML) 5 Page - Microchip Technology

  MIC2128 Datasheet HTML 1Page - Microchip Technology MIC2128 Datasheet HTML 2Page - Microchip Technology MIC2128 Datasheet HTML 3Page - Microchip Technology MIC2128 Datasheet HTML 4Page - Microchip Technology MIC2128 Datasheet HTML 5Page - Microchip Technology MIC2128 Datasheet HTML 6Page - Microchip Technology MIC2128 Datasheet HTML 7Page - Microchip Technology MIC2128 Datasheet HTML 8Page - Microchip Technology MIC2128 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
 2016 Microchip Technology Inc.
DS20005620A-page 5
MIC2128
FET Drivers
DH On-Resistance, High
State
RDH(PULL-UP)
—2
3
DH On-Resistance, Low
State
RDH(PULL_DOWN)
—2
4
DL On-Resistance, High
State
RDL(PULL-UP)
—2
4
DL On-Resistance, Low State RDL(PULL_DOWN)
—0.36
0.6
SW, VIN and BST Leakage
BST Leakage
—
—
—
30
µA
VIN Leakage
—
—
—
50
µA
SW Leakage
—
—
—
50
µA
Power Good (PG)
PG Threshold Voltage
VPG_Rise
85
—
95
%VOUT VFB rising
PG Hysteresis
VPG_Hys
—6
—
%VOUT VFB falling
PG Delay Time
PG_R_DLY
—
100
—
µs
VFB rising
PG Low Voltage
VOL_PG
—70
200
mV
VFB < 90% × VNOM, IPG =1 mA
Thermal Protection
Overtemperature Shutdown
TSHDN
—
150
—
°C
Junction temperature rising
Overtemperature Shutdown
Hysteresis
TSHDN_Hys
—15
—
°C
ELECTRICAL CHARACTERISTICS (Note 1)
Electrical Specifications:
unless otherwise specified, VIN = 12V, VOUT = 1.2V; VBST -VSW =5V, TA =+25°C.
Boldface
values indicate -40°C
 TJ  +125°C (Note 2).
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Note 1:
Specification for packaged product only.
2:
The application is fully functional at low VDD (supply of the control section) if the external MOSFETs have
low voltage VTH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com