Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2128 Datasheet(PDF) 20 Page - Microchip Technology

Part # MIC2128
Description  75V, Synchronous Buck Controller Featuring Adaptive On-Time Control with External Soft Start
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2128 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MIC2128 Datasheet HTML 16Page - Microchip Technology MIC2128 Datasheet HTML 17Page - Microchip Technology MIC2128 Datasheet HTML 18Page - Microchip Technology MIC2128 Datasheet HTML 19Page - Microchip Technology MIC2128 Datasheet HTML 20Page - Microchip Technology MIC2128 Datasheet HTML 21Page - Microchip Technology MIC2128 Datasheet HTML 22Page - Microchip Technology MIC2128 Datasheet HTML 23Page - Microchip Technology MIC2128 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
MIC2128
DS20005620A-page 20
 2016 Microchip Technology Inc.
5.3
Setting the Soft-Start Time
The output Soft-Start time can be set by connecting a
capacitor from SS to AGND from 2 ms to 100 ms as
shown in Figure 5-4.
FIGURE 5-4:
Setting the Soft-Start Time.
The value of the capacitor can be calculated using
Equation 5-4.
EQUATION 5-4:
5.4
MOSFET Selection
Important parameters for MOSFET selection are:
• Voltage rating
• On-resistance
• Total gate charge
The voltage rating for the high-side and low-side
MOSFETs are essentially equal to the power stage
input voltage VIN. A safety factor of 30% should be
added to the VIN(MAX) while selecting the voltage rating
of the MOSFETs to account for voltage spikes due to
circuit parasitic elements.
5.4.1
HIGH-SIDE MOSFET POWER
LOSSES
The total power loss in the high-side MOSFET
(PHSFET) is the sum of the power losses because of
conduction (PCONDUCTION), switching (PSW), reverse
recovery charge of low-side MOSFET body diode
(PQrr) and MOSFET's output capacitance discharge as
calculated in the Equation 5-5.
EQUATION 5-5:
EQUATION 5-6:
ILOAD is the load current and D is the operating duty
cycle, given by Equation 5-7.
EQUATION 5-7:
MIC2128
gm
0.6V
VREF
Comparator
COMPENSATION
13
12
CSS
ISS
1.3 µA
FB
SS
C
SS
I
SS
t
SS
V
REF
--------------------
=
Where:
CSS
= Capacitor from SS pin to AGND
ISS
= Internal Soft-Start current (1.3 µA typical)
tSS
= Output Soft-Start time
VREF
=0.6V
P
HSFET
P
CONDUCTION HS

P
SW HS

P
Qrr
P
COSS
++
+
=
P
CONDUCTION HS

I
RMS HS


2
R
DS ON_HS

=
P
SW HS

0.5
V
IN
I
LOAD
t
R
t
F
+

f
SW
=
P
Qrr
V
IN
Q
rr
f
SW
=
P
COSS
1
2
---C
OSS HS

C
OSS HS

+

V
IN

2
f
SW
=
Where:
RDS(ON_HS) = On-resistance of the high-side MOSFET
VIN
= Operating input voltage
ILOAD
= Load current
fSW
= Operating switching frequency
Qrr
= Reverse recovery charge of low-side
MOSFET body diode or of external
diode across low-side MOSFET
COSS(HS)
= Effective high-side MOSFET output
capacitance
COSS(LS)
= Effective low-side MOSFET
output
capacitance
IRMS(HS)
= RMS current of the high-side MOSFET
which
can
be
calculated
using
Equation 5-6.
tR, tF
= The high-side MOSFET turn-on and
turn-off transition times which can be
approximated by Equation 5-8 and
Equation 5-9
I
RMS HS

I
LOAD
D
=
D
V
OUT
V
IN
-------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com