Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2128 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC2128
Description  75V, Synchronous Buck Controller Featuring Adaptive On-Time Control with External Soft Start
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2128 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC2128 Datasheet HTML 8Page - Microchip Technology MIC2128 Datasheet HTML 9Page - Microchip Technology MIC2128 Datasheet HTML 10Page - Microchip Technology MIC2128 Datasheet HTML 11Page - Microchip Technology MIC2128 Datasheet HTML 12Page - Microchip Technology MIC2128 Datasheet HTML 13Page - Microchip Technology MIC2128 Datasheet HTML 14Page - Microchip Technology MIC2128 Datasheet HTML 15Page - Microchip Technology MIC2128 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
MIC2128
DS20005620A-page 12
 2016 Microchip Technology Inc.
Note:
Unless otherwise indicated, VVIN =48V, fSW = 300 kHz, RILIM =1.5 k, L = 10 µH, VEXTVDD =VOUT, TA =+25°C
(refer to the Typical Application circuit).
FIGURE 2-37:
Power-Up into Output Short.
FIGURE 2-38:
Output Current Limit
Threshold.
FIGURE 2-39:
Output Short Circuit.
FIGURE 2-40:
Recovery from Output Short
Circuit.
FIGURE 2-41:
Load Transient Response
(IOUT = 0A to 5A).
FIGURE 2-42:
Load Transient Response
(IOUT = 0A to 2.5A).
VOUT
500 mV/div
10 ms/div
VVIN
20V/div
IL
5A/div
VOUT
2V/div
IOUT
5A/div
4ms/div
VOUT
2V/div
IL
5A/div
2ms/div
VOUT
2V/div
IL
5A/div
4 ms/div
VOUT
200 mV/div
AC coupled
IOUT
5A/div
200 µs/div
VOUT
200 mV/div
AC coupled
IOUT
2A/div
200 µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com