Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2128 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC2128
Description  75V, Synchronous Buck Controller Featuring Adaptive On-Time Control with External Soft Start
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2128 Datasheet(HTML) 4 Page - Microchip Technology

  MIC2128 Datasheet HTML 1Page - Microchip Technology MIC2128 Datasheet HTML 2Page - Microchip Technology MIC2128 Datasheet HTML 3Page - Microchip Technology MIC2128 Datasheet HTML 4Page - Microchip Technology MIC2128 Datasheet HTML 5Page - Microchip Technology MIC2128 Datasheet HTML 6Page - Microchip Technology MIC2128 Datasheet HTML 7Page - Microchip Technology MIC2128 Datasheet HTML 8Page - Microchip Technology MIC2128 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
MIC2128
DS20005620A-page 4
 2016 Microchip Technology Inc.
ELECTRICAL CHARACTERISTICS (Note 1)
Electrical Specifications:
unless otherwise specified, VIN = 12V, VOUT = 1.2V; VBST -VSW =5V, TA =+25°C.
Boldface
values indicate -40°C
 TJ  +125°C (Note 2).
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Power Supply Input
Input Voltage Range
VVIN
4.5
—
5.5
VPVDD and VDD shorted to VIN
(VPVDD =VVIN =VVDD)
5.5
—
75
Quiescent Supply Current
IQ
—1.4
1.8
mA
VFB = 1.5V, no switching
Shutdown Supply Current
IVIN(SHDN)
—0.1
5
µA
EN = Low
—30
60
µA
EN = Low, VIN =VDD =5.5V
PVDD,VDD and EXTVDD
PVDD Output Voltage
VPVDD
4.8
5.1
5.4
VVVIN = 7V to 75V,
IPVDD =10mA
VDD UVLO Threshold
VVDD_UVLO_Rise
3.7
4.2
4.5
VVDD rising
VDD UVLO Hysteresis
VVDD_UVLO_Hys
—600
—
mV
VDD falling
EXTVDD Bypass Threshold
VEXTVDD_Rise
4.4
4.6
4.85
V
EXTVDD rising
EXTVDD Bypass Hysteresis
VEXTVDD_Hys
—200
—
mV
EXTVDD Dropout Voltage
—
250
—
mV
VEXTVDD =5V, IPVDD =25mA
Reference
Feedback Reference Voltage
VREF
0.597
0.6
0.603
V
TJ = 25°C
0.594
0.6
0.606
V
-40°C
 TJ 125°C
FB Bias Current
IFB
—50
500
nA
VFB = 0.6V
Enable Control
EN Logic Level High
VEN_H
1.6
——
V
EN Logic Level Low
VEN_L
——
0.6
V
EN Hysteresis
VEN_Hys
—150
—
mV
EN Bias Current
IEN
—6
30
µA
VEN =12V
ON Timer
Switching Frequency
f0
—800
—
kHz
VFREQ =VVIN, VVIN =12V
230
270
300
VFREQ = 33% of VVIN,
VVIN =12V
Maximum Duty Cycle
DMAX
—85
—
%
VFREQ =VVIN = 12V
Minimum Duty Cycle
DMIN
—0
—
%
VFB > 0.6V
Minimum ON Time
tON(MIN)
—80
—
ns
Minimum OFF Time
tOFF(MIN)
150
230
350
ns
Soft-Start
Soft-Start Current Source
ISS
—1.3
—
µA
Current Limit
Current-Limit Comparator
Offset
VOFFSET
-15
0
15
mV
VFB = 0.59V
ILIM Source Current
ICL
80
96
110
µA
VFB = 0.59V
ILIM Source Current Tempco
—
0.3
—
µA/°C
Negative Current Limit
Comparator Threshold
——
48
—
mV
Note 1:
Specification for packaged product only.
2:
The application is fully functional at low VDD (supply of the control section) if the external MOSFETs have
low voltage VTH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com