Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2128 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC2128
Description  75V, Synchronous Buck Controller Featuring Adaptive On-Time Control with External Soft Start
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2128 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC2128 Datasheet HTML 15Page - Microchip Technology MIC2128 Datasheet HTML 16Page - Microchip Technology MIC2128 Datasheet HTML 17Page - Microchip Technology MIC2128 Datasheet HTML 18Page - Microchip Technology MIC2128 Datasheet HTML 19Page - Microchip Technology MIC2128 Datasheet HTML 20Page - Microchip Technology MIC2128 Datasheet HTML 21Page - Microchip Technology MIC2128 Datasheet HTML 22Page - Microchip Technology MIC2128 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
 2016 Microchip Technology Inc.
DS20005620A-page 19
MIC2128
5.0
APPLICATIONS INFORMATION
5.1
Setting the Switching Frequency
The MIC2128 is an adjustable-frequency, synchronous
buck controller featuring a unique adaptive on-time
control architecture. The switching frequency can be
adjusted between 270 kHz and 800 kHz by changing
the resistor divider network between VIN and AGND pins
consisting of R1 and R2 as shown in Figure 5-1.
FIGURE 5-1:
Switching Frequency
Adjustment.
Equation 5-1
shows
the
estimated
switching
frequency:
EQUATION 5-1:
fO is the switching frequency when R1 is 100 k and R2
being open; fO is typically 800 kHz. For more precise
setting, it is recommended to use Figure 5-2:
FIGURE 5-2:
Switching Frequency vs. R2.
5.2
Output Voltage Setting
The output voltage can be adjusted using a resistor
divider from output to AGND whose mid-point is
connected to FB pin as shown the Figure 5-3.
FIGURE 5-3:
Output Voltage Adjustment.
The
output
voltage
can be calculated using
Equation 5-2:
EQUATION 5-2:
The maximum output voltage that can be programmed
using the MIC2128 is limited to 30V, if not limited by the
maximum duty cycle (see Equation 4-2).
A typical value of R1 is less than 30 k. If R1 is too
large, it may allow noise to be introduced into the
voltage feedback loop and also increases the offset
between the set output voltage and actual output
voltage because of the error amplifier bias current. If R1
is too small in value, it will decrease the efficiency of the
power supply, especially at light loads. Once R1 is
selected, R2 can be calculated using Equation 5-3.
EQUATION 5-3:
VIN
FREQ
AGND
MIC2128
VIN
R1
R2
4.5V to 75V
11
16
14
f
SW _ADJ
f
O
R
2
R
1
R
2
+
-------------------
=
200
300
400
500
600
700
800
50
500
5000
R
2 (k
)
V
IN = 75V
V
IN = 48V
V
OUT = 5V
R
1 = 100 k
I
OUT = 5A
V
IN = 24V
MIC2128
SOFT-
START
gm
13
FB
0.6V
VREF
Comparator
R1
R2
COMPENSATION
VOUT
V
OUT
V
RE F
1
R
1
R
2
------
+


=
Where:
VREF
=0.6V
R
2
R
1
V
OUT
V
REF
-------------
1
–
-----------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com