Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2128 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC2128
Description  75V, Synchronous Buck Controller Featuring Adaptive On-Time Control with External Soft Start
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2128 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC2128 Datasheet HTML 3Page - Microchip Technology MIC2128 Datasheet HTML 4Page - Microchip Technology MIC2128 Datasheet HTML 5Page - Microchip Technology MIC2128 Datasheet HTML 6Page - Microchip Technology MIC2128 Datasheet HTML 7Page - Microchip Technology MIC2128 Datasheet HTML 8Page - Microchip Technology MIC2128 Datasheet HTML 9Page - Microchip Technology MIC2128 Datasheet HTML 10Page - Microchip Technology MIC2128 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
 2016 Microchip Technology Inc.
DS20005620A-page 7
MIC2128
Note:
Unless otherwise indicated, VVIN =12V, fSW =300 kHz, RILIM =1.5 k, L = 10 µH, VEXTVDD =VOUT, TA =+25°C
(refer to the Typical Application circuit).
FIGURE 2-7:
PVDD Load Regulation.
FIGURE 2-8:
VDD UVLO Threshold vs.
Temperature.
FIGURE 2-9:
EXTVDD Threshold vs.
Temperature.
FIGURE 2-10:
Enable Threshold vs.
Temperature.
FIGURE 2-11:
Enable Bias Current vs.
Temperature
FIGURE 2-12:
Switching Frequency vs.
Input Voltage.
4
4.2
4.4
4.6
4.8
5
5.2
0
102030405060
I
PVDD (mA)
V
VIN = 48V
V
EN = VVIN
V
EXTVDD = 5V
EXTVDD = GND
V
EXTVDD = 12V
3.1
3.3
3.5
3.7
3.9
4.1
4.3
4.5
-50
-25
0
25
50
75
100
125
Temperature (°C)
I
VDD = 0 mA
EXTVDD = GND
V
VDD falling
V
VDD rising
4.2
4.3
4.4
4.5
4.6
4.7
4.8
-50
-25
0
25
50
75
100
125
Temperature (°C)
V
EXTVDD falling
V
EXTVDD rising
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
Temperature (°C)
V
EN falling
V
EN rising
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
-50
-25
0
25
50
75
100
125
Temperature (°C)
V
VIN = 12V
V
EN = 5V
220
230
240
250
260
270
280
290
300
310
320
6
121824303642485460667278
Input Voltage (V)
V
OUT = 5V
F
SW_SETPOINT = 300 kHz
V
EXTVDD = VOUT
V
EN = VVIN
I
OUT =0A
I
OUT = 5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com