Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2128 Datasheet(PDF) 16 Page - Microchip Technology

Part # MIC2128
Description  75V, Synchronous Buck Controller Featuring Adaptive On-Time Control with External Soft Start
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2128 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MIC2128 Datasheet HTML 12Page - Microchip Technology MIC2128 Datasheet HTML 13Page - Microchip Technology MIC2128 Datasheet HTML 14Page - Microchip Technology MIC2128 Datasheet HTML 15Page - Microchip Technology MIC2128 Datasheet HTML 16Page - Microchip Technology MIC2128 Datasheet HTML 17Page - Microchip Technology MIC2128 Datasheet HTML 18Page - Microchip Technology MIC2128 Datasheet HTML 19Page - Microchip Technology MIC2128 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
MIC2128
DS20005620A-page 16
 2016 Microchip Technology Inc.
4.0
FUNCTIONAL DESCRIPTION
The MIC2128 is an adaptive on-time synchronous buck
controller designed to cover a wide range of input
voltage applications ranging from 4.5V to 75V. An
adaptive on-time control scheme is employed to get
fast transient response and to obtain high voltage
conversion ratios at constant switching frequency.
Overcurrent protection is implemented by sensing
low-side MOSFET's RDS(ON) which eliminates lossy
current sense resistor. The device features external
soft-start, enable input, UVLO, power good output
(PG), secondary bootstrap LDO and thermal shutdown.
4.1
Theory of Operation
The MIC2128 is an adaptive on-time synchronous buck
controller which operates based on ripple at feedback
node. The output voltage is sensed by the MIC2128
feedback pin (FB) and is compared to a 0.6V reference
voltage (VREF) at the low-gain transconductance error
amplifier (gm) as shown in the Functional Block
Diagram. Figure 4-1 shows the MIC2128 control loop
timing during steady-state operation.
The error amplifier behaves as short circuit for the
ripple voltage frequency on the FB pin which causes
the error amplifier output voltage ripple to follow the
feedback voltage ripple. When the transconductance
error amplifier output (VgM) is below the reference
voltage of the comparator, which is same as the error
amplifier reference (VREF), the comparator triggers and
generates an on-time event. The on-time period is
predetermined by the fixed tON estimator circuitry
which is given by the following Equation 4-1:
EQUATION 4-1:
At the end of the ON time, the internal high-side driver
turns off the high-side MOSFET and the low-side driver
turns on the low-side MOSFET. The OFF time of the
high-side MOSFET depends on the feedback voltage.
When the feedback voltage decreases, the output of
the gm amplifier (VgM) also decreases. When the output
of the gm amplifier (VgM) is below the reference voltage
of the comparator (which is same as the error amplifier
reference (VREF)) the OFF time ends and ON time is
triggered. If the OFF time determined by the feedback
voltage is less than the minimum OFF time
(tOFF(MIN))of the MIC2128, which is about 230 ns
(typical), the MIC2128 control logic applies the
tOFF(MIN) instead.
The maximum duty cycle can be calculated using the
following Equation 4-2:
EQUATION 4-2:
It is not recommended to use the MIC2128 with an OFF
time close to tOFF(MIN) during steady-state operation.
The adaptive on-time control scheme results in a
constant switching frequency over wide range of input
voltage and load current. The actual ON time and
resulting switching frequency varies with the different
rising and falling times of the external MOSFETs. The
minimum controllable ON time (tON(MIN)) results in a
lower switching frequency than the target switching
frequency in high VIN to VOUT ratio applications.
The equation below shows the output-to-input voltage
ratio, below which the MIC2128 lowers the switching
frequency in order to regulate the output-to-set value.
EQUATION 4-3:
FIGURE 4-1:
MIC2128 Control Loop
Timing.
t
ON ESTIMA TED

V
OUT
V
VIN
f
SW
--------------------------
=
Where:
VOUT
= Output voltage
VVIN
= Power stage input voltage
fSW
= Switching frequency
D
MAX
t
SW
t
OFF MIN

–
t
SW
---------------------------------------
1
230ns
t
SW
---------------
–
==
Where:
tSW
= Switching period, equal to 1/fSW
V
OUT
V
IN
-------------t
ON MIN

f
SW
=
Where:
VOUT
= Output voltage
VIN
= Input voltage
fSW
= Switching frequency
tON(MIN) = Minimum controllable ON time (80 ns typ.)
IL
VOUT
VFB
VgM
VDH
IL
VFB
VREF
VREF
VOUT = ESR* IL
VFB = VOUT *(VREF/VOUT)
MIC2127 Triggers ON-Time event if the error
amplifier output (VgM) is below VREF
Estimated ON-Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com