Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2128 Datasheet(PDF) 24 Page - Microchip Technology

Part # MIC2128
Description  75V, Synchronous Buck Controller Featuring Adaptive On-Time Control with External Soft Start
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2128 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MIC2128 Datasheet HTML 20Page - Microchip Technology MIC2128 Datasheet HTML 21Page - Microchip Technology MIC2128 Datasheet HTML 22Page - Microchip Technology MIC2128 Datasheet HTML 23Page - Microchip Technology MIC2128 Datasheet HTML 24Page - Microchip Technology MIC2128 Datasheet HTML 25Page - Microchip Technology MIC2128 Datasheet HTML 26Page - Microchip Technology MIC2128 Datasheet HTML 27Page - Microchip Technology MIC2128 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
MIC2128
DS20005620A-page 24
 2016 Microchip Technology Inc.
FIGURE 5-7:
Invisible Ripple at FB.
The injected ripple at the FB pin in this case is given by
the Equation 5-28:.
EQUATION 5-28:
In the above Equation 5-28, it is assumed that the time
constant associated with the CFF meets the criteria
shown in Equation 5-29.
EQUATION 5-29:
The process of sizing the ripple injection resistor and
capacitors is:
1.
Select CINJ in the range of 47 nF to 100 nF,
which can be considered as short for a wide
range of the frequencies.
2.
Select CFF in the range of 0.47 nF to 10 nF, if R1
and R2 are in k range.
3.
Select RINJ according to Equation 5-30.
EQUATION 5-30:
Once all the ripple injection component values are cal-
culated, ensure that the criteria shown in the
Equation 5-29 is met.
5.9
Power Dissipation in MIC2128
The MIC2128 features two Low Dropout Regulators
(LDOs) to supply power at the PVDD pin from either VIN
or EXTVDD depending on the voltage at the EXTVDD
pin. PVDD powers MOSFET drivers and VDD pin, which
is recommended to connect to PVDD through a low
pass filter, powers the internal circuitry. In the applica-
tions where the output voltage is 5V and above (up to
14V), it is recommended to connect EXTVDD to the
output to reduce the power dissipation in the MIC2128,
to reduce the MIC2128 junction temperature and to
improve the system efficiency.
The power dissipation in the MIC2128 depends on the
internal LDO being in use, gate charge of the external
MOSFETs and switching frequency. The power dissi-
pation and the junction temperature of the MIC2128
can
be
estimated
using
the
Equation 5-31,
Equation 5-32 and Equation 5-33.
Power dissipation in the MIC2128 when EXTVDD is not
used:
EQUATION 5-31:
Power dissipation in the MIC2128 when EXTVDD is
used:
EQUATION 5-32:
The junction temperature of the MIC2128 can be esti-
mated using Equation 5-33.
MIC2128
L
R1
R2
COUT
ESR
CFF
RINJ
CINJ
SW
FB
V
FB PP

V
OUT
1
D
–

C
FF
R
INJ
f
SW
------------------------------------------
=
 T
SW
 C
FF
R
1 R2 RINJ

R
INJ
V
OUT
1D
–

C
FF
f
SW
V
FB PP

-------------------------------------------------------
=
Where:
VOUT
= Output voltage
D
= Duty cycle
fSW
= Switching frequency
VFB(pp) = Feedback Ripple
P
IC
V
IN
I
SW
I
Q
+

=
P
IC
V
EXTVDD
I
SW
I
Q
+

=
I
SW
Q
G
f
SW
=
Q
G
Q
G_HS
Q
G_LS
+
=
Where:
ISW
= Switching current into the VIN pin
IQ
= Quiescent current (1.4 mA typ)
QG
= Total gate charge of the external MOS-
FETs which is sum of the gate charge of
high-side MOSFET (QG_HS) and the
low-side MOSFET (QG_LS) at 5V gate to
source voltage. Gate charge information
can be obtained from the MOSFETs
datasheet.
VEXTVDD = Voltage at the EXTVDD pin
(4.6 ≤ VEXTVDD ≤ 14 V typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com