Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2128 Datasheet(PDF) 9 Page - Microchip Technology

Part # MIC2128
Description  75V, Synchronous Buck Controller Featuring Adaptive On-Time Control with External Soft Start
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2128 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MIC2128 Datasheet HTML 5Page - Microchip Technology MIC2128 Datasheet HTML 6Page - Microchip Technology MIC2128 Datasheet HTML 7Page - Microchip Technology MIC2128 Datasheet HTML 8Page - Microchip Technology MIC2128 Datasheet HTML 9Page - Microchip Technology MIC2128 Datasheet HTML 10Page - Microchip Technology MIC2128 Datasheet HTML 11Page - Microchip Technology MIC2128 Datasheet HTML 12Page - Microchip Technology MIC2128 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
 2016 Microchip Technology Inc.
DS20005620A-page 9
MIC2128
Note:
Unless otherwise indicated, VVIN =12V, fSW =300 kHz, RILIM =1.5 k, L = 10 µH, VEXTVDD =VOUT, TA =+25°C
(refer to the Typical Application circuit).
FIGURE 2-19:
Efficiency vs. Output
Current (Input Voltage=12V).
FIGURE 2-20:
Efficiency vs. Output
Current (Input Voltage = 24V).
FIGURE 2-21:
Efficiency vs. Output
Current (Input Voltage = 36V).
FIGURE 2-22:
Efficiency vs. Output
Current (Input Voltage = 48V).
FIGURE 2-23:
Efficiency vs. Output
Current (Input Voltage = 60V).
FIGURE 2-24:
Efficiency vs. Output
Current (Input Voltage = 75V).
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Output Current (A)
VOUT=5V
VOUT=3.3V
VOUT=2.5V
VOUT=1.8V
VOUT=1.5V
VOUT=1.2V
VOUT=1.0V
V
OUT = 3.3V
V
OUT = 5V
V
OUT = 2.5V
V
OUT = 1.8V
V
OUT = 1.5V
V
OUT = 1.2V
V
OUT = 1.0V
0
10
20
30
40
50
60
70
80
90
100
00.511.5
2
2.533.5
4
4.5
5
Output Current (A)
VOUT=5V
VOUT=3.3V
VOUT=2.5V
VOUT=1.8V
VOUT=1.5V
VOUT=1.2V
VOUT=1.0V
V
OUT = 3.3V
V
OUT = 5V
V
OUT = 2.5V
V
OUT = 1.8V
V
OUT = 1.5V
V
OUT = 1.2V
V
OUT = 1.0V
0
10
20
30
40
50
60
70
80
90
100
0
0.511.5
2
2.5
33.544.5
5
Output Current (A)
VOUT=5V
VOUT=3.3V
VOUT=2.5V
VOUT=1.8V
VOUT=1.5V
VOUT=1.2V
VOUT=1.0V
V
OUT = 3.3V
V
OUT = 5V
V
OUT = 2.5V
V
OUT = 1.8V
V
OUT = 1.5V
V
OUT = 1.2V
V
OUT = 1.0V
0
10
20
30
40
50
60
70
80
90
100
00.511.5
2
2.533.5
4
4.5
5
Output Current (A)
VOUT=5V
VOUT=3.3V
VOUT=2.5V
VOUT=1.8V
VOUT=1.5V
VOUT=1.2V
VOUT=1V
V
OUT = 3.3V
V
OUT = 5V
V
OUT = 2.5V
V
OUT = 1.8V
V
OUT = 1.5V
V
OUT = 1.2V
V
OUT = 1.0V
0
10
20
30
40
50
60
70
80
90
100
00.511.5
2
2.533.5
4
4.5
5
Output Current (A)
VOUT=5V
VOUT=3.3V
VOUT=2.5V
VOUT=1.8V
VOUT=1.5V
VOUT=1.2V
VOUT=1.0V
V
OUT = 3.3V
V
OUT = 5V
V
OUT = 2.5V
V
OUT = 1.8V
V
OUT = 1.5V
V
OUT = 1.0V
V
OUT = 1.2V
0
10
20
30
40
50
60
70
80
90
100
00.511.5
2
2.533.5
4
4.5
5
Output Current (A)
VOUT=5V
VOUT=3.3V
VOUT=2.5V
VOUT=1.8V
VOUT=1.5V
VOUT=1.2V
VOUT=1.0V
V
OUT = 5V
V
OUT = 2.5V
V
OUT = 1.8V
V
OUT = 1.5V
V
OUT = 1.2V
V
OUT = 1.0V
V
OUT = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com