Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2128 Datasheet(PDF) 23 Page - Microchip Technology

Part # MIC2128
Description  75V, Synchronous Buck Controller Featuring Adaptive On-Time Control with External Soft Start
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2128 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MIC2128 Datasheet HTML 19Page - Microchip Technology MIC2128 Datasheet HTML 20Page - Microchip Technology MIC2128 Datasheet HTML 21Page - Microchip Technology MIC2128 Datasheet HTML 22Page - Microchip Technology MIC2128 Datasheet HTML 23Page - Microchip Technology MIC2128 Datasheet HTML 24Page - Microchip Technology MIC2128 Datasheet HTML 25Page - Microchip Technology MIC2128 Datasheet HTML 26Page - Microchip Technology MIC2128 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
 2016 Microchip Technology Inc.
DS20005620A-page 23
MIC2128
EQUATION 5-23:
The input capacitor should be rated for ripple current
rating and voltage rating. The RMS value of input
capacitor current is determined at the maximum output
current. The RMS current rating of the input capacitor
should be greater than or equal to the input capacitor
RMS current calculated using the Equation 5-24.
EQUATION 5-24:
The power dissipated in the input capacitor is
calculated using Equation 5-25.
EQUATION 5-25:
5.8
Ripple Injection
The minimum recommended ripple at the FB pin for
proper operation of the MIC2128 error amplifier and
comparator is 20 mV. However, the output voltage
ripple is generally designed as 1% to 2% of the output
voltage. For low output voltages, such as a 1V, the
output voltage ripple is only 10 mV to 20 mV, and the
feedback voltage ripple is less than 20 mV. If the
feedback voltage ripple is so small that the gm amplifier
and comparator cannot sense it, then the MIC2128
loses control and the output voltage is not regulated. In
order to have sufficient VFB ripple, ripple injection
method should be applied for low output voltage ripple
applications.
The applications are divided into three situations
according to the amount of the feedback voltage ripple:
1.
Enough ripple at the feedback due to the large
ESR of the output capacitor (Figure 5-5). The
converter is stable without any additional ripple
injection at the FB node. The feedback voltage
ripple is given by Equation 5-26.
EQUATION 5-26:
IL_PP is the peak-to-peak value of the inductor current
ripple.
FIGURE 5-5:
Enough Ripple at FB.
2.
Inadequate ripple at the feedback voltage due to
the small ESR of the output capacitor.
The output voltage ripple can be fed into the FB pin
through a feed forward capacitor, CFF in this case, as
shown in Figure 5-6. The typical CFF value is between
1 nF and 100 nF. With the feed forward capacitor, the
feedback voltage ripple is very close to the output volt-
age ripple which is shown in Equation 5-27.
EQUATION 5-27:
FIGURE 5-6:
Inadequate Ripple at FB.
3.
Virtually no ripple at the FB pin voltage due to
the very-low ESR of the output capacitors:
In this case, additional ripple can be injected into the
FB pin from the switching node SW via a resistor RINJ
and a capacitor CINJ, as shown in Figure 5-7.
C
IN
I
LOAD
D
1
D
–

 f
SW
 V
IN_C
-------------------------------------------------
=
ESR
C_IN
V
IN_ESR
I
L_PK
-----------------------
=
Where:
ILOAD
= Load Current
IL_PK
= Peak Inductor Current
VINC
= Input ripple due to capacitance
VINESR = Input ripple due to input capacitor ESR
η
= Power conversion efficiency
I
C_IN(RMS)
I
LOAD(MAX)
D
1
D
–

=
P
DISS(C_IN)
I
C_IN(RMS)

2
ESR
C_IN
=
V
FB PP

R
2
R
2
R
1
+
------------------
ESR
I
L_PP
=
MIC2128
L
R1
R2
COUT
ESR
SW
FB
V
FB PP

ESR
I
L_PP
=
MIC2128
L
R1
R2
COUT
ESR
CFF
SW
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com