Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2128 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC2128
Description  75V, Synchronous Buck Controller Featuring Adaptive On-Time Control with External Soft Start
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2128 Datasheet(HTML) 2 Page - Microchip Technology

  MIC2128 Datasheet HTML 1Page - Microchip Technology MIC2128 Datasheet HTML 2Page - Microchip Technology MIC2128 Datasheet HTML 3Page - Microchip Technology MIC2128 Datasheet HTML 4Page - Microchip Technology MIC2128 Datasheet HTML 5Page - Microchip Technology MIC2128 Datasheet HTML 6Page - Microchip Technology MIC2128 Datasheet HTML 7Page - Microchip Technology MIC2128 Datasheet HTML 8Page - Microchip Technology MIC2128 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
MIC2128
DS20005620A-page 2
 2016 Microchip Technology Inc.
Typical Application
Functional Block Diagram
PVDD
VDD
PG
EN
SS
FREQ
EXTVDD
FB
ILIM
SW
BST
VIN
VIN
4.5V to 75V
VOUT
5V@5A
VOUT
VIN
4.7
µF
2.2
µFX3
47
µF
10
µH
0.1
µF
0.1
µF
4.7 nF
1
µF
4.7
µF
2.2
18 k
7.5 k
1 k
100 k
60 k
1.5 k
VIN
MIC2128
PGND
AGND
DH
DL
10 nF
330
µF
+
0.1
µF
Q1
Q2
Q1,Q2: SiR878ADP
L1: SRP1265A-100M, Bourns
C1: 10SVP330M
L1
C1
SW
PG
VDD
BST
PVDD
FREQ
PVDD
VIN
PGND
ILIM
Negative Current
Limit
8
15
THERMAL
SHUTDOWN
11
TON
ESTIMATION
Control
Logic
14
1
AGND
EN
10
2
9
EXTVDD
LINEAR
REGULATOR
gm
13
FB
COMPENSATION
VREF
FB
5 DH
7 DL
12
SS
3
4
16
CURRENT LIMIT
DETECTION
0.9
96 µA
UVLO
LINEAR
REGULATOR
0.6V
VREF
1.3 µA
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com