Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2128 Datasheet(PDF) 26 Page - Microchip Technology

Part # MIC2128
Description  75V, Synchronous Buck Controller Featuring Adaptive On-Time Control with External Soft Start
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2128 Datasheet(HTML) 26 Page - Microchip Technology

Back Button MIC2128 Datasheet HTML 22Page - Microchip Technology MIC2128 Datasheet HTML 23Page - Microchip Technology MIC2128 Datasheet HTML 24Page - Microchip Technology MIC2128 Datasheet HTML 25Page - Microchip Technology MIC2128 Datasheet HTML 26Page - Microchip Technology MIC2128 Datasheet HTML 27Page - Microchip Technology MIC2128 Datasheet HTML 28Page - Microchip Technology MIC2128 Datasheet HTML 29Page - Microchip Technology MIC2128 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
MIC2128
DS20005620A-page 26
 2016 Microchip Technology Inc.
6.0
PCB LAYOUT GUIDELINES
PCB layout is critical to achieve reliable, stable and
efficient performance. The following guidelines should
be followed to ensure proper operation of the
MIC2128converter.
6.1
IC
• The ceramic bypass capacitors, which are con-
nected to the VDD and PVDD pins, must be located
right at the IC. Use wide traces to connect to the
VDD, PVDD and AGND, PGND pins respectively.
• The signal ground pin (AGND) must be connected
directly to the ground planes.
• Place the IC close to the point-of-load (POL).
• Signal and power grounds should be kept
separate and connected at only one location.
6.2
Input Capacitor
• Place the input ceramic capacitors as close as
possible to the MOSFETs.
• Place several vias to the ground plane close to
the input capacitor ground terminal.
6.3
Inductor
• Keep the inductor connection to the switch node
(SW) short.
• Do not route any digital lines underneath or close
to the inductor.
• Keep the switch node (SW) away from the feed-
back (FB) pin.
• The SW pin should be connected directly to the
drain of the low-side MOSFET to accurately
sense the voltage across the low-side MOSFET.
6.4
Output Capacitor
• Use a copper plane to connect the output
capacitor ground terminal to the input capacitor
ground terminal.
• The feedback trace should be separate from the
power trace and connected as close as possible
to the output capacitor. Sensing a long
high-current load trace can degrade the DC load
regulation.
6.5
MOSFETs
• MOSFET gate drive traces must be short and
wide. The ground plane should be the connection
between the MOSFET source and PGND.
• Chose a low-side MOSFET with a high CGS/CGD
ratio and a low internal gate resistance to
minimize the effect of dv/dt inducted turn-on.
• Use a 4.5V VGS rated MOSFET. Its higher gate
threshold voltage is more immune to glitches than
a 2.5V or 3.3V rated MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com