Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2128 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC2128
Description  75V, Synchronous Buck Controller Featuring Adaptive On-Time Control with External Soft Start
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2128 Datasheet(HTML) 3 Page - Microchip Technology

  MIC2128 Datasheet HTML 1Page - Microchip Technology MIC2128 Datasheet HTML 2Page - Microchip Technology MIC2128 Datasheet HTML 3Page - Microchip Technology MIC2128 Datasheet HTML 4Page - Microchip Technology MIC2128 Datasheet HTML 5Page - Microchip Technology MIC2128 Datasheet HTML 6Page - Microchip Technology MIC2128 Datasheet HTML 7Page - Microchip Technology MIC2128 Datasheet HTML 8Page - Microchip Technology MIC2128 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
 2016 Microchip Technology Inc.
DS20005620A-page 3
MIC2128
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
VIN, FREQ, ILIM, SW to PGND..................................................................................................................... -0.3V to +76V
VDD, PVDD, FB, PG, SS to AGND .................................................................................................................. -0.3V to +6V
EXTVDD to AGND....................................................................................................................................... -0.3V to +16V
BST to SW ................................................................................................................................................... -0.3V to +6V
BST to AGND .............................................................................................................................................. -0.3V to +82V
EN to AGND ...................................................................................................................................... -0.3V to (VIN +0.3V)
DH, DL to AGND .............................................................................................................................. -0.3V to (VDD +0.3V)
PGND to AGND ........................................................................................................................................... -0.3V to +0.3V
Junction Temperature .......................................................................................................................................... +150°C
Storage Temperature (TS) ...................................................................................................................... -65°C to +150°C
Lead Temperature (soldering, 10s) ........................................................................................................................ 260°C
ESD Rating(1)......................................................................................................................................................... 1000V
Note 1:
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5 k
 in series with
100 pF.
Operating Ratings(1)
Supply Voltage (VIN) ..................................................................................................................................... 4.5V to 75V
SW, FREQ, ILIM, EN........................................................................................................................................... 0V to VIN
Junction Temperature (TJ) ..................................................................................................................... -40°C to +125°C
Package Thermal Resistance (3 mm × 3 mm QFN-16)
Junction to Ambient (
JA).................................................................................................................................. 50.8°C/W
Junction to Case (
JC)....................................................................................................................................... 25.3°C/W
Note 1:
The device is not ensured to function outside the operating range.
† Notice:
Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at those or any other conditions above those indicated in the
operational sections of this specification is not intended. Exposure to maximum rating conditions for extended periods
may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com