Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2128 Datasheet(PDF) 18 Page - Microchip Technology

Part # MIC2128
Description  75V, Synchronous Buck Controller Featuring Adaptive On-Time Control with External Soft Start
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2128 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MIC2128 Datasheet HTML 14Page - Microchip Technology MIC2128 Datasheet HTML 15Page - Microchip Technology MIC2128 Datasheet HTML 16Page - Microchip Technology MIC2128 Datasheet HTML 17Page - Microchip Technology MIC2128 Datasheet HTML 18Page - Microchip Technology MIC2128 Datasheet HTML 19Page - Microchip Technology MIC2128 Datasheet HTML 20Page - Microchip Technology MIC2128 Datasheet HTML 21Page - Microchip Technology MIC2128 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
MIC2128
DS20005620A-page 18
 2016 Microchip Technology Inc.
eight current limit events trigger the hiccup mode. Once
the controller enters into hiccup mode, it initiates a
soft-start sequence after a hiccup timeout of 4 ms
(typical). Both the high-side and low-side MOSFETs
are turned off during hiccup timeout. The hiccup
sequence including the soft start reduces the stress on
the switching FETs and protects the load and supply
from severe short conditions.
The current limit can be programmed by using the
following Equation 4-4.
EQUATION 4-4:
Since MOSFET RDS(ON) varies from 30% to 40% with
temperature, it is recommended to consider the
RDS(ON) variation while calculating RCL in the above
equation to avoid false current limiting due to increased
MOSFET junction temperature rise. It is also
recommended to connect SW pin directly to the drain
of the low-side MOSFET to accurately sense the
MOSFETs RDS(ON).
To improve the current limit variation, the MIC2128
adjusts the internal current limit source current (ICL) at
a rate of 0.3 µA/°C when the MIC2128 junction
temperature changes to compensate the RDS(ON)
variation
of
external
low-side
MOSFET.
The
effectiveness of this method depends on the thermal
gradient between the MIC2128 and the external
low-side MOSFET. The lower the thermal gradient, the
better the current limit variation.
A small capacitor (CCL) can be connected from the ILIM
pin to PGND to filter the switch node ringing during the
Off-time allowing a better current sensing. The time
constant of RCL and CCL should be less than the
minimum off time.
4.4
Negative Current Limit
The MIC2128 implements negative current limit by
sensing the SW voltage when the low-side FET is ON.
If the SW node voltage exceeds 48 mV typical, the
device turns off the low-side FET for 500 ns. Negative
current limit value is shown in Equation 4-5.
EQUATION 4-5:
4.5
High-Side MOSFET Gate Drive
(DH)
The MIC2128's high-side drive circuit is designed to
switch an N-Channel external MOSFET. The MIC2128
Functional Block diagram shows a bootstrap diode
between PVDD and BST pins. This circuit supplies
energy to the high-side drive circuit. A low ESR ceramic
capacitor should be connected between BST and SW
pins (refer Typical Application Circuit).The capacitor
between BST and SW pins, CBST, is charged while the
low-side MOSFET is on. When the high-side MOSFET
driver is turned on, energy from CBST is used to turn the
MOSFET on. A minimum of 0.1 µF low ESR ceramic
capacitor is recommended between BST and SW pins.
The required value of CBS can be calculated using the
following Equation 4-6.
EQUATION 4-6:
A small resistor in series with CBST, can be used to
slow down the turn-on time of the high-side N-channel
MOSFET.
4.6
Low-Side MOSFET Gate Drive (DL)
The MIC2128's low-side drive circuit is designed to
switch an N-Channel external MOSFET. The internal
low-side MOSFET driver is powered by PVDD.
Connect a minimum of 4.7 µF low-ESR ceramic
capacitor to supply the transient gate current of the
external MOSFET.
4.7
Auxiliary Bootstrap LDO
(EXTVDD)
The MIC2128 features an auxiliary bootstrap LDO
which improves the system efficiency by supplying the
MIC2128 internal circuit bias power and gate drivers
from the converter output voltage. This LDO is enabled
when the voltage on the EXTVDD pin is above 4.6V
(typical) and at the same time the main LDO which
operates from VIN is disabled to reduce power
consumption.
R
CL
I
CLIM
IL
PP
2
----------------
+


R
DS ON

V
OFFSET
+
I
CL
--------------------------------------------------------------------------------------------------
=
Where:
ILIM
= Load current limit
RDS (ON) = On-resistance of low-side power MOSFET
ILPP
= Inductor peak-to-peak ripple current
VOFFSET = Current-limit comparator offset (15 mV max.)
ICL
= Current-limit source current (96 µA typ)
I
NLIM
48mV
R
DS ON

--------------------
=
Where:
INLIM
= Negative current limit
RDS (ON) = On-resistance of low-side power MOSFET
C
BST
Q
G_HS
V
BST
----------------
=
Where:
QG_HS
= High-side MOSFET total gate charge
VBST
= Drop across the CBST,
generally 50 mV to 100 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com