Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 48 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 48 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 44Page - Cirrus Logic WM8944BECS/R Datasheet HTML 45Page - Cirrus Logic WM8944BECS/R Datasheet HTML 46Page - Cirrus Logic WM8944BECS/R Datasheet HTML 47Page - Cirrus Logic WM8944BECS/R Datasheet HTML 48Page - Cirrus Logic WM8944BECS/R Datasheet HTML 49Page - Cirrus Logic WM8944BECS/R Datasheet HTML 50Page - Cirrus Logic WM8944BECS/R Datasheet HTML 51Page - Cirrus Logic WM8944BECS/R Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 165 page
background image
WM8944B
48
Rev 4.3
DIGITAL-TO-ANALOGUE CONVERTER (DAC)
The WM8944B DAC receives digital input data from the digital audio interface. (Note that, depending
on the DSP Configuration mode, the digital input may first be processed and filtered in the DSP Core.)
The digital audio data is converted to an oversampled bit-stream in the on-chip, true 24-bit digital
interpolation filter. The bit-stream data enters the multi-bit, sigma-delta DAC, which converts it to high
quality analogue audio.
The analogue output from the DAC can then be mixed with other analogue inputs before being sent to
the analogue output pins (see “Output Signal Path”).
The DAC is enabled by the DAC_ENA register bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3 (03h)
Power
Management
2
0
DAC_ENA
0
DAC Enable
0 = Disabled
1 = Enabled
DAC_ENA must be set to 1 when
processing data from the DAC or
Digital Beep Generator.
Table 25 DAC Enable Control
DAC DIGITAL VOLUME CONTROL
The output of the DAC can be digitally amplified or attenuated over a range from -71.625dB to
+23.625dB in 0.375dB steps. The volume can be controlled using DAC_VOL. The DAC Volume is part
of the DAC Digital Filters block. The gain for a given eight-bit code X is given by:
0.375
 (X-192) dB for 1  X  255;
MUTE for X = 0
The output of the DAC can be digitally muted using the DAC_MUTE bit.
A digital soft-mute feature is provided in order to avoid sudden glitches in the analogue signal. When
DAC_VOL_RAMP is enabled, then all mute, un-mute or volume change commands are implemented
as a gradual volume change in the digital domain. The rate at which the volume ramps up is half of
the sample freq (fs/2). The DAC_VOL_RAMP register field is described in Table 26.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R22 (16h)
DAC Control 2
4
DAC_VOL_RAMP
1
DAC Volume Ramp control
0 = Disabled
1 = Enabled
R23 (17h)
DAC Digital
Vol
8
DAC_MUTE
1
DAC Digital Mute
0 = Disable Mute
1 = Enable Mute
7:0
DAC_VOL [7:0]
1100_0000
(0dB)
DAC Digital Volume
0000_0000 = mute
0000_0001 = -71.625dB
0000_0010 = -71.250dB
…
1100_0000 = 0dB
...
1111_1111 = +23.625dB
(See Table 27 for volume range)
Table 26 DAC Digital Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com