| Electronic Components Datasheet Search |
|
WM8944BECS/R Datasheet(PDF) 93 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8944BECS/R Datasheet(HTML) 93 Page - Cirrus Logic |
|
93 / 165 page ![]() WM8944B Rev 4.3 93 device ID B9 B8 D1 B15 data bits B15 – B8 ACK R/W (Read) B1 B0 B7 data bits B15 – B8 ACK STOP ACK A9 D7 D1 A15 SDA SCLK device ID device ID A8 D7 Note: The SDA pin is driven by both the master and slave devices in turn to transfer device address, register address, data and ACK responses R/W register address A15 – A8 START (Write) ACK ACK Rpt START A1 A7 A0 register address A7 – A0 Figure 35 Control Interface 2-wire (I2C) Register Read The Control Interface also supports other register operations, as listed above. The interface protocol for these operations is summarised below. The terminology used in the following figures is detailed in Table 66. Note that, for multiple write and multiple read operations, the auto-increment option must be enabled. This feature is enabled by default, as noted in Table 65. TERMINOLOGY DESCRIPTION S Start Condition Sr Repeated start A Acknowledge (SDA Low) A ¯¯ Not Acknowledge (SDA High) P Stop Condition R/W ¯¯ ReadNotWrite 0 = Write 1 = Read [White field] Data flow from bus master to WM8944B [Grey field] Data flow from WM8944B to bus master Table 66 Control Interface Terminology Device ID S A MSByte Address (0) A MSByte Data A LSByte Data A P 8 bit Device ID 8 bits 8 bits 8 bits LSByte Address A 8 bits RW Figure 36 Single Register Write to Specified Address Device ID Sr A P MSByte Data (1) LSByte Data A Device ID S A MSByte Address (0) A A A LSByte Address RW RW Figure 37 Single Register Read from Specified Address |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |