Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 58 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 58 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 54Page - Cirrus Logic WM8944BECS/R Datasheet HTML 55Page - Cirrus Logic WM8944BECS/R Datasheet HTML 56Page - Cirrus Logic WM8944BECS/R Datasheet HTML 57Page - Cirrus Logic WM8944BECS/R Datasheet HTML 58Page - Cirrus Logic WM8944BECS/R Datasheet HTML 59Page - Cirrus Logic WM8944BECS/R Datasheet HTML 60Page - Cirrus Logic WM8944BECS/R Datasheet HTML 61Page - Cirrus Logic WM8944BECS/R Datasheet HTML 62Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 165 page
background image
WM8944B
58
Rev 4.3
SPEAKER OUTPUT CONTROL
Each Speaker output has its own output mixer. This allows the output of the Speaker PGA to be
enabled or disabled, and also allows the AUX and IN1 inputs to be routed directly to the Speaker
outputs. (AUX can be routed to SPKOUTP; IN1 can be routed to SPKOUTN, as illustrated in Figure
18. The two Speaker outputs can be muted also, using SPKN_OP_MUTE and SPKP_OP_MUTE.
As described above, the analogue inputs AUX and IN1 can be routed directly to the Speaker outputs,
bypassing the Speaker PGA and mixers. This can be used to provide a fixed-gain signal path that is
unaffected by the Speaker PGA setting. This feature is intended for a “PC Beep” or similar
applications.
Care should be taken when enabling more than one path to the Speaker Output mixers in order to
avoid clipping. The gain of each input path is adjustable using a selectable -6dB control in each path
to facilitate this.
The Speaker Output control registers are described in Table 36.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3 (03h)
Power
Management
1
9
SPKN_OP_MUTE
1
SPKOUTN Output Mute
0 = Disable Mute
1 = Enable Mute
8
SPKP_OP_MUTE
1
SPKOUTP Output Mute
0 = Disable Mute
1 = Enable Mute
R43 (2Bh)
SPK mixer
control 1
8
AUX_TO_SPKP
0
AUX to SPKOUTP select
0 = Disabled
1 = Enabled
7
PGA_TO_SPKP
0
Speaker PGA Mixer to SPKOUTP
select
0 = Disabled
1 = Enabled
R44 (2Ch)
SPK mixer
control2
9
IN1_TO_SPKN
0
IN1 to SPKOUTN select
0 = Disabled
1 = Enabled
7
PGA_TO_SPKN
0
Speaker PGA Mixer to SPKOUTN
select
0 = Disabled
1 = Enabled
R45 (2Dh)
SPK mixer
control3
8
AUX_TO_SPKP_
ATTEN
0
AUX to SPKOUTP attenuation
0 = 0dB
1 = -6dB attenuation
7
PGA_TO_SPKP_
ATTEN
0
Speaker PGA Mixer to SPKOUTP
attenuation
0 = 0dB
1 = -6dB attenuation
R46 (2Eh)
SPK mixer
control4
9
IN1_TO_SPKN_
ATTEN
0
IN1 to SPKOUTN attenuation
0 = 0dB
1 = -6dB attenuation
7
PGA_TO_SPKN_
ATTEN
0
Speaker PGA Mixer to SPKOUTN
attenuation
0 = 0dB
1 = -6dB attenuation
Table 36 Speaker Output Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com