Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 70 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 70 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 66Page - Cirrus Logic WM8944BECS/R Datasheet HTML 67Page - Cirrus Logic WM8944BECS/R Datasheet HTML 68Page - Cirrus Logic WM8944BECS/R Datasheet HTML 69Page - Cirrus Logic WM8944BECS/R Datasheet HTML 70Page - Cirrus Logic WM8944BECS/R Datasheet HTML 71Page - Cirrus Logic WM8944BECS/R Datasheet HTML 72Page - Cirrus Logic WM8944BECS/R Datasheet HTML 73Page - Cirrus Logic WM8944BECS/R Datasheet HTML 74Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 165 page
background image
WM8944B
70
Rev 4.3
n
n-1
n-2
3
2
1
n
n-1
n-2
3
2
1
LEFT CHANNEL
RIGHT CHANNEL
MSB
LSB
Input Word Length (WL)
1/fs
LRCLK
BCLK
DACDAT/
ADCDAT
1 BCLK
Falling edge can occur anywhere in this area
1 BCLK
Figure 25 DSP/PCM Mode Audio Interface (mode A, LRCLK_INV=1, Slave)
n
n-1
n-2
3
2
1
n
n-1
n-2
3
2
1
LEFT CHANNEL
RIGHT CHANNEL
MSB
LSB
Input Word Length (WL)
1/fs
LRCLK
BCLK
DACDAT/
ADCDAT
1 BCLK
1 BCLK
Falling edge can occur anywhere in this area
Figure 26 DSP/PCM Mode Audio Interface (mode B, LRCLK_INV=1, Slave)
COMPANDING
The WM8944B supports A-law and
-law companding on both transmit (ADC) and receive (DAC)
sides as shown in Table 46. Companding converts 13 bits (
-law) or 12 bits (A-law) to 8 bits using
non-linear quantization. This provides greater precision for low-amplitude signals than for
high-amplitude signals, resulting in a greater usable dynamic range than 8 bit linear quantization.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
Companding
control
3
DAC_COMP
0
DAC Companding Enable
0 = Disabled
1 = Enabled
2
DAC_COMPMO
DE
0
DAC Companding Mode
0 = µ-law
1 = A-law
1
ADC_COMP
0
ADC Companding Enable
0 = Disabled
1 = Enabled
0
ADC_COMPMO
DE
0
ADC Companding Mode
0 = µ-law
1 = A-law
Table 46 Companding Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com