Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 54 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 54 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 50Page - Cirrus Logic WM8944BECS/R Datasheet HTML 51Page - Cirrus Logic WM8944BECS/R Datasheet HTML 52Page - Cirrus Logic WM8944BECS/R Datasheet HTML 53Page - Cirrus Logic WM8944BECS/R Datasheet HTML 54Page - Cirrus Logic WM8944BECS/R Datasheet HTML 55Page - Cirrus Logic WM8944BECS/R Datasheet HTML 56Page - Cirrus Logic WM8944BECS/R Datasheet HTML 57Page - Cirrus Logic WM8944BECS/R Datasheet HTML 58Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 165 page
background image
WM8944B
54
Rev 4.3
LINE OUTPUT MIXER CONTROL
The Line Output mixer (OUTMIX) controls are described in Table 32. These allow any of the DAC,
Inverted DAC, IN1, AUX and ADC Bypass signals to be mixed. A differential AUX/IN1 signal can also
be selected in the Line Output mixer. The output of the mixer can be muted using the LINE_MUTE bit.
Note that, when selecting the differential AUX/IN1 signal as an input to the Line Output mixer, the IN1
pin provides the non-inverting path and the AUX pin provides the inverting signal path.
Care should be taken when mixing more than one path to the Line Output mixer in order to avoid
clipping. The gain of each input path is adjustable using a selectable -6dB control in each path to
facilitate this.
Note that the attenuation control field DAC_TO_OUT_ATTEN controls the DAC and the Inverted DAC
mixer paths to the Line Output mixer. Note that the DAC input level may also be controlled by the DAC
digital volume control -
see “Digital to Analogue Converter (DAC)” for further details.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R42 (2Ah)
Output ctrl
8
LINE_MUTE
1
LINEOUT Output Mute
0 = Disable Mute
1 = Enable Mute
R49 (31h)
Line mixer
control 1
10
AUXDIFF_TO_O
UT
0
Differential AUX/IN1 to Line Output
Mixer select
0 = Disabled
1 = Enabled
9
IN1_TO_OUT
0
IN1 to Line Output Mixer select
0 = Disabled
1 = Enabled
6
BYP_TO_OUT
0
Input PGA (ADC bypass) to Line
Output Mixer select
0 = Disabled
1 = Enabled
5
MDAC_TO_OUT
0
Inverted DAC to Line Output Mixer
select
0 = Disabled
1 = Enabled
3
DAC_TO_OUT
0
DAC to Line Output Mixer select
0 = Disabled
1 = Enabled
0
AUX_TO_OUT
0
AUX to Line Output Mixer select
0 = Disabled
1 = Enabled
R51 (33h)
Line mixer
control 2
10
AUXDIFF_TO_O
UT_ATTEN
0
Differential AUX/IN1 to Line Output
Mixer attenuation
0 = 0dB
1 = -6dB attenuation
9
IN1_TO_OUT_AT
TEN
0
IN1 to Line Output Mixer attenuation
0 = 0dB
1 = -6dB attenuation
6
BYP_TO_OUT_A
TTEN
0
Input PGA (ADC bypass) to Line
Output Mixer attenuation
0 = 0dB
1 = -6dB attenuation
3
DAC_TO_OUT_A
TTEN
0
DAC to Line Output Mixer
attenuation
0 = 0dB
1 = -6dB attenuation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com