Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 75 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 75 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 71Page - Cirrus Logic WM8944BECS/R Datasheet HTML 72Page - Cirrus Logic WM8944BECS/R Datasheet HTML 73Page - Cirrus Logic WM8944BECS/R Datasheet HTML 74Page - Cirrus Logic WM8944BECS/R Datasheet HTML 75Page - Cirrus Logic WM8944BECS/R Datasheet HTML 76Page - Cirrus Logic WM8944BECS/R Datasheet HTML 77Page - Cirrus Logic WM8944BECS/R Datasheet HTML 78Page - Cirrus Logic WM8944BECS/R Datasheet HTML 79Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 165 page
background image
WM8944B
Rev 4.3
75
MCLK
fOUT
SYSCLK_SRC
SYSCLK_ENA
SYSCLK_DIV [2:0]
CODEC DSP
f/N
LRCLK
BCLK
MSTR
FLL
fREF
SR [3:0]
SYSCLK_RATE
CLKOUT_SEL
CLKOUT_DIV [1:0]
f/N
CLKOUT
CLKOUT may be
output on a GPIO pin
f/N
BCLK_DIV
[2:0]
MASTER
MODE
CLOCK
OUTPUTS
Oscillator
OSC_CLK_ENA
TOCLK_ENA
Clocking for GPIO de-bounce and Interrupt functions
Clocking for PGA Zero-Cross timeouts
f/64
FLL_ENA
FLL_CLK_REF_DIV
FLL_N
FLL_K
FLL_FRATIO
FLL_FRAC
FLL_OUTDIV
SYSCLK (512 x fs) or (256 x fs)
Figure 31 WM8944B Clocking Overview
SYSCLK may be derived either from MCLK or from the FLL; this is selected using the SYSCLK_SRC
register bit. SYSCLK is enabled using the SYSCLK_ENA and may be modified using a programmable
divider configured by SYSCLK_DIV.
The SYSCLK_RATE register must be set according to the ratio of SYSCLK to the audio sample rate.
It is required that SYSCLK_DIV is correctly set in order to produce either 512 x fs or 256 x fs at its
output, where fs is the audio sampling rate.
The sampling rate for the CODEC and Digital Audio Interface is configured using the SR register field.
In Master mode, the frequency of the Left/Right Clock output on the LRCLK pin is the BCLK frequency
divided by 64 producing 32 BCLK cycles per channel. In Master mode, the BCLK_DIV register
configures the bit clock frequency output on BCLK.
The WM8944B can output a configurable clock on the GPIO pins; this is enabled automatically
whenever a GPIO pin is configured for CLKOUT output. The source can either be before or after the
SYSCLK divider, as shown in Figure 31. The source is selected using CLKOUT_SEL, and may be
modified using a programmable divider configured by CLKOUT_DIV.
The WM8944B free-running oscillator required for GPIO input de-bounce and Interrupt functions must
be enabled using OSC_CLK_ENA whenever any of these functions is required.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h)
Clock Gen
control
15
OSC_CLK_ENA
0
Oscillator Enable
0 = Disabled
1 = Enabled
This needs to be set when a timeout
clock is required for GPIO input
detection
14:13
MCLK_PULL
[1:0]
00
MCLK pull-up / pull-down Enable
00 = no pull-up or pull-down
01 = pull-down
10 = pull-up
11 = reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com