Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 59 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 59 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 55Page - Cirrus Logic WM8944BECS/R Datasheet HTML 56Page - Cirrus Logic WM8944BECS/R Datasheet HTML 57Page - Cirrus Logic WM8944BECS/R Datasheet HTML 58Page - Cirrus Logic WM8944BECS/R Datasheet HTML 59Page - Cirrus Logic WM8944BECS/R Datasheet HTML 60Page - Cirrus Logic WM8944BECS/R Datasheet HTML 61Page - Cirrus Logic WM8944BECS/R Datasheet HTML 62Page - Cirrus Logic WM8944BECS/R Datasheet HTML 63Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 165 page
background image
WM8944B
Rev 4.3
59
ANALOGUE OUTPUTS
The Line output and Speaker output pins are highly configurable and may be used in many different
ways. The output mixers can be configured to generate single-ended or differential outputs. The Class
AB Speaker output driver can deliver up to 400mW into an 8
 speaker in BTL mode.
LINE OUTPUT
The line output LINEOUT is the external connection to the MIXOUT mixer. This is a single-ended
output driver.
Note that single-ended line output can also be provided on SPKOUTP and SPKOUTN.
SPEAKER OUTPUTS
The speaker outputs SPKOUTP and SPKOUTN are the external connections to the Speaker Output
mixers. These outputs are intended for a mono speaker or headphone in BTL configuration or for a
twin mono line load.
In a typical application, a BTL output from the DAC may be generated at the speaker outputs by
routing the Speaker PGA to the SPKOUTP and SPKOUTN pins.
The analogue inputs AUX and IN1 may also be routed to the SPKOUTP and SPKOUTN outputs by
enabling the respective signal path in each of the speaker output mixers.
EXTERNAL COMPONENTS FOR LINE OUTPUT
In single-ended output configurations, DC blocking capacitors are required at the output pins
(LINEOUT, SPKOUTP and SPKOUTN
). See “Applications Information” for details of these
components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com