Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 100 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 100 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 96Page - Cirrus Logic WM8944BECS/R Datasheet HTML 97Page - Cirrus Logic WM8944BECS/R Datasheet HTML 98Page - Cirrus Logic WM8944BECS/R Datasheet HTML 99Page - Cirrus Logic WM8944BECS/R Datasheet HTML 100Page - Cirrus Logic WM8944BECS/R Datasheet HTML 101Page - Cirrus Logic WM8944BECS/R Datasheet HTML 102Page - Cirrus Logic WM8944BECS/R Datasheet HTML 103Page - Cirrus Logic WM8944BECS/R Datasheet HTML 104Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 165 page
background image
WM8944B
100
Rev 4.3
RECOMMENDED POWER-UP / POWER-DOWN SEQUENCES
In order to minimise output pop and click noise, it is recommended that the WM8944B device is
powered-up and powered-down using the control sequences described in Table 71 and Table 72
respectively.
The power-up sequence described here includes enabling the DACs and output drivers; note that
additional configuration will be required to enable the required internal signal paths.
The sequences noted here are provided as guidance only; each sequence will require to be adjusted
to the particular application requirements.
DESCRIPTION
LABEL
REGISTER [BITS]
Turn on external supplies and wait for the supply voltages to settle.
Reset registers to default state (software reset).
SW_RESET
R0 (00h) [15:0]
Enable speaker and line discharge bits.
Enable VMID to speaker and line outputs.
SPKP_DISCH = 1
SPKN_DISCH = 1
LINE_DISCH = 1
SPKP_VMID_OP_ENA = 1
SPKN_VMID_OP_ENA = 1
LINE_VMID_OP_ENA = 1
R42 (2Ah) [6]
R42 (2Ah) [7]
R42 (2Ah) [4]
R42 (2Ah) [12]
R42 (2Ah) [13]
R42 (2Ah) [10]
Enable VMID Fast Start and Start up Bias. Select Start-Up Bias and
set VMID soft start for start-up ramp.
VMID_FAST_START = 1
STARTUP_BIAS_ENA = 1
BIAS_SRC = 1
VMID_RAMP[1:0] = 01
R7 (07h) [11]
R7 (07h) [8]
R7 (07h) [7]
R7 (07h) [6:5]
If using VMID as the reference voltage for the LDO then select VMID
fast start or set to 0 if using the Bandgap as the reference voltage for
LDO. Select LDO Start-Up Bias and enable LDO.
Delay 300ms for LDO to settle.
LDO_ENA = 1
LDO_REF_SEL_FAST = 1
LDO_BIAS_SRC = 1
R53 (35h) [15]
R53 (35h) [14]
R53 (35h) [5]
Enable VMID Buffer and Master Bias.
Set VMID_SEL[1:0] for fast start-up.
BIAS_ENA = 1
VMID_BUF_ENA = 1
VMID_SEL[1:0] = 11
R2 (02h) [3]
R2 (02h) [2]
R2 (02h) [1:0]
Disable speaker and line discharge bits.
SPKP_DISCH = 0
SPKN_DISCH = 0
LINE_DISCH = 0
R42 (2Ah) [6]
R42 (2Ah) [7]
R42 (2Ah) [4]
Enable speaker outputs and speaker PGA and lineout output as
required.
SPK_MIX_ENA = 1
DAC_ENA = 1
SPKN_OP_ENA = 1
SPKP_OP_ENA = 1
SPK_PGA_ENA = 1
OUT_ENA = 1
R3 (03h) [2]
R3 (03h) [0]
R3 (03h) [7]
R3 (03h) [6]
R3 (03h) [12]
R3 (03h) [14]
Enable power to speaker driver
(must be done after enabling the speaker outputs).
SPKN_SPKVDD_ENA = 1
SPKP_SPKVDD_ENA = 1
R3 (03h) [11]
R3 (03h) [10]
Enable VMID. Delay 50ms to allow VMID to settle.
VMID_ENA = 1
R7 (07h) [4]
Set LDO and VMID for normal operation.
LDO_REF_SEL_FAST = 0
LDO_BIAS_SRC = 0
VMID_FAST_START = 0
STARTUP_BIAS_ENA = 0
VMID_SEL = 01
R53 (35h) [14]
R53 (35h) [5]
R7 (07h) [11]
R7 (07h) [8]
R2 (02h) [1:0]
Un-mute outputs as required.
Table 71 Recommended Power-Up Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com