Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 102 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 102 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 98Page - Cirrus Logic WM8944BECS/R Datasheet HTML 99Page - Cirrus Logic WM8944BECS/R Datasheet HTML 100Page - Cirrus Logic WM8944BECS/R Datasheet HTML 101Page - Cirrus Logic WM8944BECS/R Datasheet HTML 102Page - Cirrus Logic WM8944BECS/R Datasheet HTML 103Page - Cirrus Logic WM8944BECS/R Datasheet HTML 104Page - Cirrus Logic WM8944BECS/R Datasheet HTML 105Page - Cirrus Logic WM8944BECS/R Datasheet HTML 106Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 165 page
background image
WM8944B
102
Rev 4.3
REGISTER MAP
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R0 (0h)
Software Reset/Chip
ID 1
SW_RESET[15:0]
6264h
R1 (1h)
Chip ID 2 (Read only)
0
0
0
0
0
0
0
0
0
0
0
0
CHIP_REV[3:0]
0000h
R2 (2h)
Power management 1
0
0
0
INP
PGA_E
NA
ADCR_
ENA
ADCL
_ENA
0
0
DMIC_
ENA
0
SPK_L
OW
VMID_
ENA
MICB_
ENA
BIAS_
ENA
VMID_
BUF_E
NA
VMID_SEL[1:0]
0000h
R3 (3h)
Power management 2
0
OUT_E
NA
0
SPK_P
GA_EN
A
SPKN_
SPKVD
D_ENA
SPKP_
SPKVD
D_ENA
SPKN_
OP_M
UTE
SPKP_
OP_M
UTE
SPKN_
OP_EN
A
SPKP_
OP_EN
A
0
SPK_M
IX_MU
TE
0
SPK_M
IX_EN
A
0
DAC_E
NA
0310h
R4 (4h)
Audio Interface
DACDATA_PUL
L [1:0]
FRAME_PULL
[1:0]
BCLK_PULL
[1:0]
ADCR_
SRC
ADCL
_SRC
0
DAC_S
RC
BCLK_I
NV
LRCLK
_INV
WL [1:0]
FMT [1:0]
020Ah
R5 (5h)
Companding control
ADC_D
AC_LO
OP
0
0
0
0
0
0
0
0
0
LOOPB
ACK
0
DAC_C
OMP
DAC_C
OMPM
ODE
ADC_C
OMP
ADC_C
OMPM
ODE
0000h
R6 (6h)
Clock Gen control
OSC_C
LK_EN
A
MCLK_PULL
[1:0]
CLK
OUT_S
EL
CLKOUT_DIV
[1:0]
SYS
CLK_E
NA
SYS
CLK_S
RC
SYSCLK_DIV [2:0]
TOCLK
_ENA
BCLK_DIV [2:0]
MSTR
0106h
R7 (7h)
Additional control
SYSCL
K_RAT
E
0
0
0
VMID_
FAST_
START
VMID_
REF_S
EL
VMID_
CTRL
START
UP_BI
AS_EN
A
BIAS_
SRC
VMID_RAMP
[1:0]
VMID_
ENA
SR [3:0]
800Dh
R8 (8h)
FLL Control 1
0
0
0
FLL_CLK_REF_
DIV [1:0]
FLL_OUTDIV [2:0]
FLL_CTRL_RATE [2:0]
FLL_FRATIO [2:0]
FLL_F
RAC
FLL_E
NA
0102h
R9 (9h)
FLL Control 2
FLL_K [15:0]
3127h
R10 (Ah)
FLL Control 3
0
FLL_N [9:0]
0
FLL_GAIN [3:0]
0100h
R11 (Bh)
GPIO Config
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
MODE
_GPIO
0000h
R13 (Dh)
GPIO1 Control
GP1_D
IR
GP1_PULL [1:0] GP1_I
NT_M
ODE
0
GP1_P
OL
0
0
0
0
GP1_L
VL
0
GP1_FN [3:0]
8000h
R14 (Eh)
GPIO2 Control
GP2_D
IR
GP2_PULL [1:0] GP2_I
NT_M
ODE
0
GP2_P
OL
0
0
0
0
GP2_L
VL
0
GP2_FN [3:0]
C000h
R16 (10h)
System Interrupts
(Read only)
TEMP_
INT
0
GP2_I
NT
GP1_I
NT
0
0
0
0
0
0
0
0
0
0
0
LDO_U
V_INT
0000h
R17 (11h)
Status Flags
(Read only)
TEMP_
STS
0
0
0
0
0
0
0
0
0
0
0
0
0
0
LDO_U
V_STS
0000h
R18 (12h)
IRQ Config
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
IM_IRQ
0001h
R19 (13h)
System Interrupts
Mask
IM_TE
MP_IN
T
0
IM_GP
2_INT
IM_GP
1_INT
0
0
0
0
0
0
0
0
0
0
0
IM_LD
O_UV_
INT
0000h
R20 (14h)
Control Interface
0
0
0
0
0
0
0
0
0
0
0
0
0
SPI_O
D
0
AUTO_
INC
0001h
R21 (15h)
DAC Control 1
0
0
0
0
0
0
0
0
0
0
0
DAC_A
UTOM
UTE
0
0
0
DAC_D
AT INV
0010h
R22 (16h)
DAC Control 2
0
0
0
0
0
0
0
0
0
0
0
DAC_V
OL_RA
MP
0
0
0
DAC_S
B_FLT
0010h
R23 (17h)
DAC digital Vol
0
0
0
0
0
0
0
DAC_
MUTE
DAC_VOL [7:0]
01C0h
R25 (19h)
ADC Control 1
0
0
0
0
0
0
0
ADC_
MUTE
ALL
0
0
0
0
0
0
ADCR_
DAT
INV
ADCL
_DAT
INV
0100h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com