Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 105 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 105 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 101Page - Cirrus Logic WM8944BECS/R Datasheet HTML 102Page - Cirrus Logic WM8944BECS/R Datasheet HTML 103Page - Cirrus Logic WM8944BECS/R Datasheet HTML 104Page - Cirrus Logic WM8944BECS/R Datasheet HTML 105Page - Cirrus Logic WM8944BECS/R Datasheet HTML 106Page - Cirrus Logic WM8944BECS/R Datasheet HTML 107Page - Cirrus Logic WM8944BECS/R Datasheet HTML 108Page - Cirrus Logic WM8944BECS/R Datasheet HTML 109Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 165 page
background image
WM8944B
Rev 4.3
105
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R98 (62h)
SE1_DF1_R2
SE1_DF1_R2 [15:0]
0000h
R99 (63h)
SE2_HPF_CONFIG
0
0
0
0
0
0
0
0
0
0
0
0
0
0
SE2_H
PF_R_
ENA
SE2_H
PF_L_
ENA
0000h
R100 (64h) SE2_RETUNE_CONF
IG
0
0
0
0
0
0
0
0
0
0
0
0
0
0
SE2_R
ETUNE
_R_EN
A
SE2_R
ETUNE
_L_EN
A
0000h
R101 (65h) SE2_RETUNE_C0
SE2_RETUNE_C0 [15:0]
1000h
R102 (66h) SE2_RETUNE_C1
SE2_RETUNE_C1 [15:0]
0000h
R103 (67h) SE2_RETUNE_C2
SE2_RETUNE_C2 [15:0]
0000h
R104 (68h) SE2_RETUNE_C3
SE2_RETUNE_C3 [15:0]
0000h
R105 (69h) SE2_RETUNE_C4
SE2_RETUNE_C4 [15:0]
0000h
R106 (6Ah) SE2_RETUNE_C5
SE2_RETUNE_C5 [15:0]
0000h
R107 (6Bh) SE2_RETUNE_C6
SE2_RETUNE_C6 [15:0]
0000h
R108 (6Ch) SE2_RETUNE_C7
SE2_RETUNE_C7 [15:0]
0000h
R109 (6Dh) SE2_RETUNE_C8
SE2_RETUNE_C8 [15:0]
0000h
R110 (6Eh) SE2_RETUNE_C9
SE2_RETUNE_C9 [15:0]
0000h
R111 (6Fh) SE2_RETUNE_C10
SE2_RETUNE_C10 [15:0]
0000h
R112 (70h) SE2_RETUNE_C11
SE2_RETUNE_C11 [15:0]
0000h
R113 (71h) SE2_RETUNE_C12
SE2_RETUNE_C12 [15:0]
0000h
R114 (72h) SE2_RETUNE_C13
SE2_RETUNE_C13 [15:0]
0000h
R115 (73h) SE2_RETUNE_C14
SE2_RETUNE_C14 [15:0]
0000h
R116 (74h) SE2_RETUNE_C15
SE2_RETUNE_C15 [15:0]
0000h
R117 (75h) SE2_RETUNE_C16
SE2_RETUNE_C16 [15:0]
0000h
R118 (76h) SE2_RETUNE_C17
SE2_RETUNE_C17 [15:0]
0000h
R119 (77h) SE2_RETUNE_C18
SE2_RETUNE_C18 [15:0]
0000h
R120 (78h) SE2_RETUNE_C19
SE2_RETUNE_C19 [15:0]
0000h
R121 (79h) SE2_RETUNE_C20
SE2_RETUNE_C20 [15:0]
0000h
R122 (7Ah) SE2_RETUNE_C21
SE2_RETUNE_C21 [15:0]
0000h
R123 (7Bh) SE2_RETUNE_C22
SE2_RETUNE_C22 [15:0]
0000h
R124 (7Ch) SE2_RETUNE_C23
SE2_RETUNE_C23 [15:0]
0000h
R125 (7Dh) SE2_RETUNE_C24
SE2_RETUNE_C24 [15:0]
0000h
R126 (7Eh) SE2_RETUNE_C25
SE2_RETUNE_C25 [15:0]
0000h
R127 (7Fh) SE2_RETUNE_C26
SE2_RETUNE_C26 [15:0]
0000h
R128 (80h) SE2_RETUNE_C27
SE2_RETUNE_C27 [15:0]
0000h
R129 (81h) SE2_RETUNE_C28
SE2_RETUNE_C28 [15:0]
0000h
R130 (82h) SE2_RETUNE_C29
SE2_RETUNE_C29 [15:0]
0000h
R131 (83h) SE2_RETUNE_C30
SE2_RETUNE_C30 [15:0]
0000h
R132 (84h) SE2_RETUNE_C31
SE2_RETUNE_C31 [15:0]
0000h
R133 (85h) SE2_5BEQ_CONFIG
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
SE2_5
BEQ_L
_ENA
0000h
R134 (86h) SE2_5BEQ_L10G
0
0
0
SE2_5BEQ_L1G [4:0]
0
0
0
SE2_5BEQ_L0G [4:0]
0C0Ch
R135 (87h) SE2_5BEQ_L32G
0
0
0
SE2_5BEQ_L3G [4:0]
0
0
0
SE2_5BEQ_L2G [4:0]
0C0Ch
R136 (88h) SE2_5BEQ_L4G
0
0
0
0
0
0
0
0
0
0
0
SE2_5BEQ_L4G [4:0]
000Ch
R137 (89h) SE2_5BEQ_L0P
SE2_5BEQ_L0P [15:0]
00D8h
R138 (8Ah) SE2_5BEQ_L0A
SE2_5BEQ_L0A [15:0]
0FCAh
R139 (8Bh) SE2_5BEQ_L0B
SE2_5BEQ_L0B [15:0]
0400h
R140 (8Ch) SE2_5BEQ_L1P
SE2_5BEQ_L1P [15:0]
01C5h
R141 (8Dh) SE2_5BEQ_L1A
SE2_5BEQ_L1A [15:0]
1EB5h
R142 (8Eh) SE2_5BEQ_L1B
SE2_5BEQ_L1B [15:0]
F145h
R143 (8Fh) SE2_5BEQ_L1C
SE2_5BEQ_L1C [15:0]
0B75h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com