Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 108 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 108 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 104Page - Cirrus Logic WM8944BECS/R Datasheet HTML 105Page - Cirrus Logic WM8944BECS/R Datasheet HTML 106Page - Cirrus Logic WM8944BECS/R Datasheet HTML 107Page - Cirrus Logic WM8944BECS/R Datasheet HTML 108Page - Cirrus Logic WM8944BECS/R Datasheet HTML 109Page - Cirrus Logic WM8944BECS/R Datasheet HTML 110Page - Cirrus Logic WM8944BECS/R Datasheet HTML 111Page - Cirrus Logic WM8944BECS/R Datasheet HTML 112Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 165 page
background image
WM8944B
108
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
00 = VMID disabled (for OFF mode)
01 = 2 x 50k divider (for normal operation)
10 = 2 x 250k divider (for low power standby)
11 = 2 x 5k divider (for fast start-up)
Register 02h Power management 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R3 (03h)
Power
manage-ment
2
14
OUT_ENA
0
LINEOUT enable
0 = Disabled
1 = Enabled
12
SPK_PGA_
ENA
0
Speaker PGA enable
0 = Disabled
1 = Enabled
11
SPKN_
SPKVDD_ENA
0
SPKOUTN enable
0 = Disabled
1 = Enabled
Note that SPKOUTN is also controlled by SPKN_OP_ENA.
When powering down SPKOUTN, the
SPKN_SPKVDD_ENA bit should be reset first.
10
SPKP_
SPKVDD_ENA
0
SPKOUTP enable
0 = Disabled
1 = Enabled
Note that SPKOUTP is also controlled by SPKP_OP_ENA.
When powering down SPKOUTP, the
SPKP_SPKVDD_ENA bit should be reset first
9
SPKN_OP_
MUTE
1
SPKOUTN Output Mute
0 = Disable Mute
1 = Enable Mute
8
SPKP_OP_
MUTE
1
SPKOUTP Output Mute
0 = Disable Mute
1 = Enable Mute
7
SPKN_OP_
ENA
0
SPKOUTN enable
0 = Disabled
1 = Enabled
Note that SPKOUTN is also controlled by
SPKN_SPKVDD_ENA. When powering up SPKOUTN, the
SPKN_OP_ENA bit should be enabled first.
6
SPKP_OP_
ENA
0
SPKOUTP enable
0 = Disabled
1 = Enabled
Note that SPKOUTP is also controlled by
SPKP_SPKVDD_ENA. When powering up SPKOUTP, the
SPKP_OP_ENA bit should be enabled first
4
SPK_MIX_
MUTE
1
Speaker PGA Mixer Mute
0 = Disable Mute
1 = Enable Mute
2
SPK_MIX_ENA
0
Speaker output mixer enable
0 = Disabled
1 = Enabled
0
DAC_ENA
0
DAC Enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com