Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 104 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 104 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 100Page - Cirrus Logic WM8944BECS/R Datasheet HTML 101Page - Cirrus Logic WM8944BECS/R Datasheet HTML 102Page - Cirrus Logic WM8944BECS/R Datasheet HTML 103Page - Cirrus Logic WM8944BECS/R Datasheet HTML 104Page - Cirrus Logic WM8944BECS/R Datasheet HTML 105Page - Cirrus Logic WM8944BECS/R Datasheet HTML 106Page - Cirrus Logic WM8944BECS/R Datasheet HTML 107Page - Cirrus Logic WM8944BECS/R Datasheet HTML 108Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 165 page
background image
WM8944B
104
Rev 4.3
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R51 (33h)
Line L mixer control 2
0
0
0
0
0
AUX
DIFF_T
O_OUT
_ATTE
N
IN1_T
O_OUT
_ATTE
N
0
0
BYP_T
O_OUT
_ATTE
N
0
0
DAC_T
O_OUT
_ATTE
N
0
0
AUX_T
O_OUT
_ATTE
N
0000h
R53 (35h)
LDO
LDO_E
NA
LDO_R
EF_SE
L_FAS
T
LDO_R
EF_SE
L
LDO_O
PFLT
0
0
0
0
0
0
LDO_B
IAS_S
RC
LDO_VSEL [4:0]
0007h
R54 (36h)
Bandgap
BG_EN
A
0
0
0
0
0
0
0
0
0
0
BG_VSEL [4:0]
000Ah
R64 (40h)
SE Config Selection
0
0
0
0
0
0
0
0
0
0
0
0
SE_CONFIG [3:0]
0000h
R65 (41h)
SE1_LHPF_CONFIG
0
0
0
0
0
0
0
0
0
0
SE1_L
HPF_R
_SIGN
SE1_L
HPF_L
_SIGN
0
0
SE1_L
HPF_R
_ENA
SE1_L
HPF_L
_ENA
0000h
R66 (42h)
SE1_LHPF_L
SE1_LHPF_L [15:0]
0000h
R67 (43h)
SE1_LHPF_R
SE1_LHPF_R [15:0]
0000h
R68 (44h)
SE1_3D_CONFIG
0
0
0
0
0
0
SE1_3
D_R_S
IGN
SE1_3
D_L_SI
GN
SE1_3
D_LHP
F_R_E
NA
SE1_3
D_LHP
F_L_E
NA
SE1_3
D_R_L
HPF_S
IGN
SE1_3
D_L_L
HPF_S
IGN
0
0
SE1_3
D_R_E
NA
SE1_3
D_L_E
NA
0000h
R69 (45h)
SE1_3D_L
0
0
SE1_3D_L_ DELAY [2:0]
SE1_3D_L_CUTOFF
[2:0]
SE1_3D_L_CGAIN [3:0]
SE1_3D_L_FGAIN [3:0]
0408h
R70 (46h)
SE1_3D_R
0
0
SE1_3D_R_ DELAY [2:0]
SE1_3D_R_CUTOFF
[2:0]
SE1_3D_R_CGAIN [3:0]
SE1_3D_R_FGAIN [3:0]
0408h
R71 (47h)
SE1_NOTCH_CONFI
G
0
0
0
0
0
0
0
0
0
0
0
0
0
0
SE1_N
OTCH_
R_ENA
SE1_N
OTCH_
L_ENA
0000h
R72 (48h)
SE1_NOTCH_A10
SE1_NOTCH_A10 [15:0]
0000h
R73 (49h)
SE1_NOTCH_A11
SE1_NOTCH_A11 [15:0]
0000h
R74 (4Ah)
SE1_NOTCH_A20
SE1_NOTCH_A20 [15:0]
0000h
R75 (4Bh)
SE1_NOTCH_A21
SE1_NOTCH_A21 [15:0]
0000h
R76 (4Ch) SE1_NOTCH_A30
SE1_NOTCH_A30 [15:0]
0000h
R77 (4Dh) SE1_NOTCH_A31
SE1_NOTCH_A31 [15:0]
0000h
R78 (4Eh)
SE1_NOTCH_A40
SE1_NOTCH_A40 [15:0]
0000h
R79 (4Fh)
SE1_NOTCH_A41
SE1_NOTCH_A41 [15:0]
0000h
R80 (50h)
SE1_NOTCH_A50
SE1_NOTCH_A50 [15:0]
0000h
R81 (51h)
SE1_NOTCH_A51
SE1_NOTCH_A51 [15:0]
0000h
R82 (52h)
SE1_NOTCH_M10
SE1_NOTCH_M10 [15:0]
0000h
R83 (53h)
SE1_NOTCH_M11
SE1_NOTCH_M11 [15:0]
1000h
R84 (54h)
SE1_NOTCH_M20
SE1_NOTCH_M20 [15:0]
0000h
R85 (55h)
SE1_NOTCH_M21
SE1_NOTCH_M21 [15:0]
1000h
R86 (56h)
SE1_NOTCH_M30
SE1_NOTCH_M30 [15:0]
0000h
R87 (57h)
SE1_NOTCH_M31
SE1_NOTCH_M31 [15:0]
1000h
R88 (58h)
SE1_NOTCH_M40
SE1_NOTCH_M40 [15:0]
0000h
R89 (59h)
SE1_NOTCH_M41
SE1_NOTCH_M41 [15:0]
1000h
R90 (5Ah)
SE1_NOTCH_M50
SE1_NOTCH_M50 [15:0]
0000h
R91 (5Bh)
SE1_NOTCH_M51
SE1_NOTCH_M51 [15:0]
1000h
R92 (5Ch) SE1_DF1_CONFIG
0
0
0
0
0
0
0
0
0
0
0
0
0
0
SE1_D
F1_R_
ENA
SE1_D
F1_L_
ENA
0000h
R93 (5Dh) SE1_DF1_L0
SE1_DF1_L0 [15:0]
1000h
R94 (5Eh)
SE1_DF1_L1
SE1_DF1_L1 [15:0]
0000h
R95 (5Fh)
SE1_DF1_L2
SE1_DF1_L2 [15:0]
0000h
R96 (60h)
SE1_DF1_R0
SE1_DF1_R0 [15:0]
1000h
R97 (61h)
SE1_DF1_R1
SE1_DF1_R1 [15:0]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com