Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 73 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 73 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 69Page - Cirrus Logic WM8944BECS/R Datasheet HTML 70Page - Cirrus Logic WM8944BECS/R Datasheet HTML 71Page - Cirrus Logic WM8944BECS/R Datasheet HTML 72Page - Cirrus Logic WM8944BECS/R Datasheet HTML 73Page - Cirrus Logic WM8944BECS/R Datasheet HTML 74Page - Cirrus Logic WM8944BECS/R Datasheet HTML 75Page - Cirrus Logic WM8944BECS/R Datasheet HTML 76Page - Cirrus Logic WM8944BECS/R Datasheet HTML 77Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 165 page
background image
WM8944B
Rev 4.3
73
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
Companding
control
5
LOOPBACK
0
Audio Interface Loopback Function
0 = No loopback
1 = Audio Interface Loopback
enabled (DACDAT input is fed
through the DSP Core to the
ADCDAT output).
Table 48 Audio Interface Loopback Control
ADC TO DAC LOOPBACK
A loopback function is also provided to allow the ADC digital data output to be fed internally to the
DAC data input. This function is enabled by ADC_DAC_LOOPBACK and is illustrated in Figure 30.
DAC
ADC to DAC
Loopback Mode
SE1 (LPF/HPF,
5-notch, DF1)
SE2 (HPF,
Re-Tune, 5-band EQ)
SE3 (Dynamic
Range Control)
ADC
DIGITAL AUDIO
INTERFACE
Figure 30 ADC to DAC Loopback
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
Companding
control
15
ADC_DAC_LOO
PBACK
ADC to DAC Loopback Function
0 = No loopback
1 = ADC to DAC Loopback enabled
(ADC data is fed directly into DAC
data input).
Table 49 ADC to DAC Loopback Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com