Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 30 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 30 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 26Page - Cirrus Logic WM8944BECS/R Datasheet HTML 27Page - Cirrus Logic WM8944BECS/R Datasheet HTML 28Page - Cirrus Logic WM8944BECS/R Datasheet HTML 29Page - Cirrus Logic WM8944BECS/R Datasheet HTML 30Page - Cirrus Logic WM8944BECS/R Datasheet HTML 31Page - Cirrus Logic WM8944BECS/R Datasheet HTML 32Page - Cirrus Logic WM8944BECS/R Datasheet HTML 33Page - Cirrus Logic WM8944BECS/R Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 165 page
background image
WM8944B
30
Rev 4.3
ADC HIGH PASS FILTER
A digital high-pass filter is enabled by default to the ADC path to remove DC offsets. This filter can
also be used to remove low frequency noise in handheld applications (e.g. wind noise, handling noise
or mechanical vibration).
The ADC High Pass filter is enabled by ADC_HPF. Note that this filter must always be set when the
Dynamic Range Controller (DRC) is enabled. The DRC will not function correctly if ADC_HPF is not
set.
The filter operates in one of two modes, selected by ADC_HPF_MODE.
The ADC_HPF_SR register should b
e set according to the selected ADC sample rate. See “Clocking
and Sample Rates
” for details of the ADC sample rate.
In Hi-Fi mode (ADC_HPF_MODE = 0), the high-pass filter is optimised for removing DC offsets
without degrading the bass response and has a cut-off frequency of 3.5Hz when the sample rate (fs) =
44.1kHz.
In Application mode (ADC_HPF_MODE = 1), the HPF cut-off frequency is set using ADC_HPF_CUT.
This mode is intended for voice communication; it is recommended to set the cut-off frequency below
300Hz (e.g. ADC_HPF_CUT = 101 when fs = 8kHz or fs = 16kHz).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R26 (1Ah)
ADC Control 2
6
ADC_HPF_MOD
E
0
ADC Digital HPF Mode
0 = Hi-Fi mode (1st order)
1 = Application mode (2nd order)
5:4
ADC_HPF_SR
[1:0]
10
ADC Digital HPF Sample Rate
00 = 8kHz to 12kHz
01 = 16kHz to 24kHz
10 = 32kHz to 48kHz
11 = Reserved
3:1
ADC_HPF_CUT
[2:0]
000
ADC Digital High Pass Filter Cutoff
Note that the cut-off frequency
scales with sample rate. See Table
11 for cut-off frequencies at all
supported sample rates.
0
ADC_HPF
1
ADC Digital High Pass Filter Enable
0 = Disabled
1 = Enabled
Table 10 ADC High-pass Filter Control Registers
SAMPLE
FREQUENCY
(kHz)
CUT-OFF FREQUENCY (Hz)
HI-FI
MODE
APPLICATION MODE / ADC_HPF_CUT[2:0]
000
001
010
011
100
101
110
111
8.000
3.0
80.5
100.5
129.0
160.5
200.5
256.5
320.5
400.5
11.025
4.5
111.0
138.5
177.5
221.0
276.5
353.0
442.0
551.5
12.000
4.5
120.5
151.0
193.0
240.5
300.5
384.5
481.0
600.5
16.000
3.0
80.0
101.0
129.0
161.0
200.5
256.5
321.0
401.0
22.050
4.5
110.5
139.0
177.5
221.5
276.0
353.5
442.0
552.5
24.000
4.5
120.5
151.5
193.5
241.5
300.5
385.0
481.5
601.0
32.000
2.5
80.0
101.5
129.0
160.5
200.0
257.5
320.0
401.0
44.100
3.5
110.0
139.5
177.5
221.0
275.5
355.0
441.0
552.5
48.000
4.0
119.5
152.0
193.0
240.5
300.0
386.5
480.0
601.0
Table 11 ADC High-pass Filter Cut-off Frequencies
Filter response plots for the ADC high-pass
filter are shown in “Digital Filter Characteristics”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com