Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 15 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 15 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 11Page - Cirrus Logic WM8944BECS/R Datasheet HTML 12Page - Cirrus Logic WM8944BECS/R Datasheet HTML 13Page - Cirrus Logic WM8944BECS/R Datasheet HTML 14Page - Cirrus Logic WM8944BECS/R Datasheet HTML 15Page - Cirrus Logic WM8944BECS/R Datasheet HTML 16Page - Cirrus Logic WM8944BECS/R Datasheet HTML 17Page - Cirrus Logic WM8944BECS/R Datasheet HTML 18Page - Cirrus Logic WM8944BECS/R Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 165 page
background image
WM8944B
Rev 4.3
15
TYPICAL POWER CONSUMPTION
DCVDD
DBVDD
LDOVDD
SPKVDD
Total
(mA)
Power
(mW)
(mA)
(mA)
(mA)
(mA)
Condition
1.8
3.3
3.3
3.3
Powerdown
Supplies are all off except SPKVDD
--
--
--
5.776E-05
--
0.000
Powerdown (register settings are default value, no
MCLK, THERR_ACT=0, CIFMODE/GPIO2
configured as an input)
0.0016
0.007
0.00717
0.00133
0.017
0.054
Powerdown (register settings are default value,
MCLK=12.288MHz, THERR_ACT=0,
CIFMODE/GPIO2 configured as an input)
0.113
0.012
0.00679
0.00138
0.133
0.270
Powerdown (register settings are default value,
MCLK=24.576MHz, THERR_ACT=0,
CIFMODE/GPIO2 configured as an input)
0.245
0.017
0.00717
0.00133
0.271
0.525
Playback
Playback to Lineout (SE_CONFIG=DSP playback,
no data)
2.55
0.127
1.5
0.00146
4.18
9.964
Playback to Speaker 8ohm BTL (SE_CONFIG=DSP
playback, no data)
2.55
0.127
1.64
5.48
9.80
28.505
Playback (Low VMID)
Playback to Speaker 8ohm BTL with Low VMID
(SE_CONFIG=DSP playback, no data)
2.55
0.127
1.99
5.32
9.99
29.132
Record
IN1 to Record (SE_CONFIG=DSP record, no data)
2.85
0.127
3.87
0.00134
8.7
18.325
Record and Playback
IN1 to Record + Playback to Lineout + Speaker
8ohm BTL + MICBIAS (SE_CONFIG=DSP playback
/ record, no data)
4.01 /
5.03
0.126
6.22
5.48
15.8
46.2 /
48.1
IN1 to Record + Playback to Lineout + Speaker
8ohm BTL + MICBIAS + FLL (SE_CONFIG=DSP
playback / record, no data)
5.32 /
6.29
0.265
6.22
5.48
17.3
49.1 /
50.8
IN1 to Record + Playback to Lineout + Speaker
8ohm BTL + MICBIAS + FLL + Video Buffer
(SE_CONFIG=DSP playback / record, no data)
5.32 /
6.29
0.264
7.21
5.48
18.3
52.3 /
54.1
Record and Playback (Low VMID)
IN1 to Record + Playback to Lineout + Speaker
8ohm BTL with Low VMID + MICBIAS + FLL + Video
Buffer (SE_CONFIG=DSP playback / record, no
data)
5.32 /
6.27
0.264
7.56
5.32
18.5
53.0 /
54.7
IN1 to Record + Playback to Lineout + Speaker
8ohm BTL with Low VMID + MICBIAS + FLL + Video
Buffer + Bandgap (SE_CONFIG=DSP playback /
record, no data)
5.30 /
6.27
0.265
7.5
5.31
18.4
52.7 /
54.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com