Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 92 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 92 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 88Page - Cirrus Logic WM8944BECS/R Datasheet HTML 89Page - Cirrus Logic WM8944BECS/R Datasheet HTML 90Page - Cirrus Logic WM8944BECS/R Datasheet HTML 91Page - Cirrus Logic WM8944BECS/R Datasheet HTML 92Page - Cirrus Logic WM8944BECS/R Datasheet HTML 93Page - Cirrus Logic WM8944BECS/R Datasheet HTML 94Page - Cirrus Logic WM8944BECS/R Datasheet HTML 95Page - Cirrus Logic WM8944BECS/R Datasheet HTML 96Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 165 page
background image
WM8944B
92
Rev 4.3
2-WIRE (I2C) CONTROL MODE
In 2-wire mode, the WM8944B is a slave device on the control interface; SCLK is a clock input, while
SDA is a bi-directional data pin. To allow arbitration of multiple slaves (and/or multiple masters) on the
same interface, the WM8944B transmits logic 1 by tri-stating the SDA pin, rather than pulling it high.
An external pull-up resistor is required to pull the SDA line high so that the logic 1 can be recognised
by the master.
In order to allow many devices to share a single 2-wire control bus, every device on the bus has a
unique 8-bit device ID (this is not the same as the 15-bit address of each register in the WM8944B).
The WM8944B device ID is 0011 0100 (34h). The LSB of the device ID is the Read/Write bit; this bit is
set to logic 1 for “Read” and logic 0 for “Write”.
The WM8944B operates as a slave device only. The controller indicates the start of data transfer with
a high to low transition on SDA while SCLK remains high. This indicates that a device ID, register
address and data will follow. The WM8944B responds to the start condition and shifts in the next eight
bits on SDA (8-bit device ID including Read/Write bit, MSB first). If the device ID received matches the
device ID of the WM8944B, then the WM8944B responds by pulling SDA low on the next clock pulse
(ACK). If the device ID is not recognised or the R/W bit is ‘1’ when operating in write only mode, the
WM8944B returns to the idle condition and waits for a new start condition and valid address.
If the device ID matches the device ID of the WM8944B, the data transfer continues as described
below. The controller indicates the end of data transfer with a low to high transition on SDA while
SCLK remains high. After receiving a complete address and data sequence the WM8944B returns to
the idle state and waits for another start condition. If a start or stop condition is detected out of
sequence at any point during data transfer (i.e. SDA changes while SCLK is high), the device returns
to the idle condition.
The WM8944B supports the following read and write operations:
Single write
Single read
Multiple write using auto-increment
Multiple read using auto-increment
The sequence of signals associated with a single register write operation is illustrated in Figure 34.
A9
D7
D1
A15
SDA
SCLK
device ID
data bits B15
– B8
A8
B15
B8
B1
B0
Note: The SDA pin is used as input for the control register address and data; SDA is
pulled low by the receiving device to provide the acknowledge (ACK) response
R/W
B9
B7
register address A15 - A8
data bits B7
– B0
START
(Write)
ACK
ACK
ACK
STOP
ACK
A1
A7
A0
register address A7 - A0
ACK
Figure 34 Control Interface 2-wire (I2C) Register Write
The sequence of signals associated with a single register read operation is illustrated in Figure 35.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com