Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 11 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 11 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 7Page - Cirrus Logic WM8944BECS/R Datasheet HTML 8Page - Cirrus Logic WM8944BECS/R Datasheet HTML 9Page - Cirrus Logic WM8944BECS/R Datasheet HTML 10Page - Cirrus Logic WM8944BECS/R Datasheet HTML 11Page - Cirrus Logic WM8944BECS/R Datasheet HTML 12Page - Cirrus Logic WM8944BECS/R Datasheet HTML 13Page - Cirrus Logic WM8944BECS/R Datasheet HTML 14Page - Cirrus Logic WM8944BECS/R Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 165 page
background image
WM8944B
Rev 4.3
11
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Bypass to Line Output (IN1/AUX to LINEMIX Differential Input to LINEOUT, 10k
 / 50pF)
SNR (A-weighted)
INPGA_VOL = 0dB
90
98
dB
THD+N
INPGA_VOL = 0dB
-89.5
-80
dB
Bypass to Speaker Output (IN1/AUX to SPKMIX Differential Input to SPKOUTP/SPKOUTN, 8R BTL)
SNR (A-weighted)
SPKVOL = 0dB
90
96
dB
THD+N
SPKVOL = 0dB
-75
-65
dB
DAC Output Path Performance (DAC to LINEOUT, 10k
 / 50pF)
Maximum output signal
level (changes in
proportion to
LDOVOUT)
1
Vrms
SNR (A-weighted)
85
96
dB
THD
-80
-71
dB
THD+N
-78
-70
dB
Mute attenuation
125
dB
PSRR (with respect to
LDOVDD)
217Hz, 100mV pk-pk
48
dB
1kHz, 100mV pk-pk
60
Line Output Resistance
10
k
Line Output
Capacitance
50
pF
DAC Output Path Performance (DAC to SPKOUTP or SPKOUTN, 10k
 / 50pF)
Maximum output signal
level (changes in
proportion to
LDOVOUT)
1
Vrms
SNR (A-weighted)
85
96
dB
THD
-78
-68
dB
THD+N
-76
-66
dB
Speaker Output Performance (Speaker Output SPKOUTP/SPKOUTN, 8
 BTL)
SNR (A-weighted)
90
96
dB
THD
PO=150mW
0.03
-68
%
dB
PO=350mW
2.944
-30.6
%
dB
THD+N
PO=150mW
0.05
-66
%
dB
PO=350mW
3.72
-28.6
%
dB
Mute attenuation
92
dB
PSRR (with respect to
LDOVDD)
217Hz
48
dB
1kHz
60
PSRR (with respect to
SPKVDD)
217Hz, 100mV pk-pk
89
dB
1kHz, 100mV pk-pk
79
Speaker Resistance
8
Speaker Capacitance
50
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com