Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 22 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 22 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 18Page - Cirrus Logic WM8944BECS/R Datasheet HTML 19Page - Cirrus Logic WM8944BECS/R Datasheet HTML 20Page - Cirrus Logic WM8944BECS/R Datasheet HTML 21Page - Cirrus Logic WM8944BECS/R Datasheet HTML 22Page - Cirrus Logic WM8944BECS/R Datasheet HTML 23Page - Cirrus Logic WM8944BECS/R Datasheet HTML 24Page - Cirrus Logic WM8944BECS/R Datasheet HTML 25Page - Cirrus Logic WM8944BECS/R Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 165 page
background image
WM8944B
22
Rev 4.3
ANALOGUE INPUT SIGNAL PATH
The WM8944B has two analogue input pins, which may be selected in different configurations. The
analogue input paths can support line and microphone inputs, in single-ended or pseudo-differential
modes. The analogue inputs IN1/DMICDAT AUX may be configured as inputs to the input PGA or to
the output mixers as single-ended or differential signals.
The input PGA (PGA) is routed to the Analogue to Digital converter (ADC). There is also a bypass
path, enabling the signal to be routed directly to the output mixers.
The WM8944B input signal paths and control registers are illustrated in Figure 8.
WM8944B
IN1/DMICDAT
INPGA
AUX
Digital Mic Interface
DMICCLK
(GPIO)
DMICDAT
INPGA_ENA
INPGA_VOL[5:0]
ADCL_VOL[7:0]
ADC_HPF_MODE
ADC_HPF_SR[1:0]
ADC_HPF_CUT[1:0]
ADC_HPF
AUX_TO_N_INPGA
P_INPGA_SEL[1:0]
ADCL_ENA
DMIC_ENA
IN1
AUX
BYPASS
ADC L
ADC /
Record
Digital
Filters
Figure 8 Input Signal Paths
INPUT PGA ENABLE
The input PGA (Programmable Gain Amplifier) is enabled using the register bit INPGA_ENA, as
described in Table 1.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (02h)
Power
Management 1
12
INPGA_ENA
0
Input PGA Enable
0 = Disabled
1 = Enabled
Table 1 Input PGA Enable
To enable the input PGA, the reference voltage VMID and the bias current must also be enabled. See
“Reference Voltages and Master Bias” for details of the associated controls VMID_SEL and
BIAS_ENA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com