Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 23 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 23 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 19Page - Cirrus Logic WM8944BECS/R Datasheet HTML 20Page - Cirrus Logic WM8944BECS/R Datasheet HTML 21Page - Cirrus Logic WM8944BECS/R Datasheet HTML 22Page - Cirrus Logic WM8944BECS/R Datasheet HTML 23Page - Cirrus Logic WM8944BECS/R Datasheet HTML 24Page - Cirrus Logic WM8944BECS/R Datasheet HTML 25Page - Cirrus Logic WM8944BECS/R Datasheet HTML 26Page - Cirrus Logic WM8944BECS/R Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 165 page
background image
WM8944B
Rev 4.3
23
INPUT PGA CONFIGURATION
Microphone and Line level audio inputs can be connected to the WM8944B in single-ended or
differential configurations. (These two configurations are illustrated in Figure 55 and Figure 56 in the
section describing the external components requirements - s
ee “Applications Information”.)
For single-ended microphone inputs, the microphone signal is connected to the non-inverting input of
the PGA (IN1/DMICDAT), whilst the inverting input of the PGA is connected to VMID. For differential
microphone inputs, the non-inverted microphone signal is connected to the non-inverting input of the
PGA (IN1/DMICDAT)
, whilst the inverted (or ‘noisy ground’) signal is connected to the inverting input
pin (AUX).
Line level inputs are connected in the same way as a single-ended microphone signal.
The non-inverting input of the PGA (IN1/DMICDAT) is configured using the P_INPGA_SEL register
bit. This register allows the selection of the two possible input pins to the PGA. The inverting input is
configured using the AUX_TO_N_INPGA register bit. The registers for configuring the Input PGA are
described in Table 2.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R39 (27h)
Input ctrl
9
AUX_TO_N_INP
GA
0
Input PGA Inverting Input Select
0 = Connected to VMID
1 = Connected to AUX
1:0
P_INPGA_SEL
[1:0]
01
Input PGA Non-Inverting Input
Select
00 = Reserved
01 = Connected to IN1/DMICDAT
10 = Connected to AUX
11 = Reserved
Table 2 Input PGA Configuration
MICROPHONE BIAS CONTROL
The WM8944B provides a low noise reference voltage suitable for biasing electret condenser (ECM)
type microphones via an external resistor. Refer to the
“Applications Information” section for
recommended components. The MICBIAS voltage is enabled using the MICB_ENA register bit; the
voltage can be selected using the MICB_LVL bit, as described in Table 3.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (02h)
Power
Management 1
4
MICB_ENA
0
Microphone Bias Enable
0 = Disabled
1 = Enabled
R39 (27h)
Input Ctrl
6
MICB_LVL
0
Microphone Bias Voltage control
0 = 0.9 x LDOVOUT
1 = 0.65 x LDOVOUT
Table 3 Microphone Bias Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com