Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 42 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 42 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 38Page - Cirrus Logic WM8944BECS/R Datasheet HTML 39Page - Cirrus Logic WM8944BECS/R Datasheet HTML 40Page - Cirrus Logic WM8944BECS/R Datasheet HTML 41Page - Cirrus Logic WM8944BECS/R Datasheet HTML 42Page - Cirrus Logic WM8944BECS/R Datasheet HTML 43Page - Cirrus Logic WM8944BECS/R Datasheet HTML 44Page - Cirrus Logic WM8944BECS/R Datasheet HTML 45Page - Cirrus Logic WM8944BECS/R Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 165 page
background image
WM8944B
42
Rev 4.3
KNEE INPUT LEVEL
(DRC_KNEE_IP)
KNEE OUTPUT LEVEL
(DRC_KNEE_OP)
KNEE2 INPUT LEVEL
(DRC_KNEE2_IP)
KNEE2 OUTPUT LEVEL
(DRC_KNEE2_OP)
R32[7:2]
LEVEL
R32[7:2]
LEVEL
R33[7:3]
LEVEL
R32[12:8]
LEVEL
R33[12:8]
LEVEL
00h
0.00
20h
-24.00
00h
0.00
00h
-36.00
00h
-30.00
01h
-0.75
21h
-24.75
01h
-0.75
01h
-37.50
01h
-31.50
02h
-1.50
22h
-25.50
02h
-1.50
02h
-39.00
02h
-33.00
03h
-2.25
23h
-26.25
03h
-2.25
03h
-40.50
03h
-34.50
04h
-3.00
24h
-27.00
04h
-3.00
04h
-42.00
04h
-36.00
05h
-3.75
25h
-27.75
05h
-3.75
05h
-43.50
05h
-37.50
06h
-4.50
26h
-28.50
06h
-4.50
06h
-45.00
06h
-39.00
07h
-5.25
27h
-29.25
07h
-5.25
07h
-46.50
07h
-40.50
08h
-6.00
28h
-30.00
08h
-6.00
08h
-48.00
08h
-42.00
09h
-6.75
29h
-30.75
09h
-6.75
09h
-49.50
09h
-43.50
0Ah
-7.50
2Ah
-31.50
0Ah
-7.50
0Ah
-51.00
0Ah
-45.00
0Bh
-8.25
2Bh
-32.25
0Bh
-8.25
0Bh
-52.50
0Bh
-46.50
0Ch
-9.00
2Ch
-33.00
0Ch
-9.00
0Ch
-54.00
0Ch
-48.00
0Dh
-9.75
2Dh
-33.75
0Dh
-9.75
0Dh
-55.50
0Dh
-49.50
0Eh
-10.50
2Eh
-34.50
0Eh
-10.50
0Eh
-57.00
0Eh
-51.00
0Fh
-11.25
2Fh
-35.25
0Fh
-11.25
0Fh
-58.50
0Fh
-52.50
10h
-12.00
30h
-36.00
10h
-12.00
10h
-60.00
10h
-54.00
11h
-12.75
31h
-36.75
11h
-12.75
11h
-61.50
11h
-55.50
12h
-13.50
32h
-37.50
12h
-13.50
12h
-63.00
12h
-57.00
13h
-14.25
33h
-38.25
13h
-14.25
13h
-64.50
13h
-58.50
14h
-15.00
34h
-39.00
14h
-15.00
14h
-66.00
14h
-60.00
15h
-15.75
35h
-39.75
15h
-15.75
15h
-67.50
15h
-61.50
16h
-16.50
36h
-40.50
16h
-16.50
16h
-69.00
16h
-63.00
17h
-17.25
37h
-41.25
17h
-17.25
17h
-70.50
17h
-64.50
18h
-18.00
38h
-42.00
18h
-18.00
18h
-72.00
18h
-66.00
19h
-18.75
39h
-42.75
19h
-18.75
19h
-73.50
19h
-67.50
1Ah
-19.50
3Ah
-43.50
1Ah
-19.50
1Ah
-75.00
1Ah
-69.00
1Bh
-20.25
3Bh
-44.25
1Bh
-20.25
1Bh
-76.50
1Bh
-70.50
1Ch
-21.00
3Ch
-45.00
1Ch
-21.00
1Ch
-78.00
1Ch
-72.00
1Dh
-21.75
3Dh
Reserved
1Dh
-21.75
1Dh
-79.50
1Dh
-73.50
1Eh
-22.50
3Eh
Reserved
1Eh
-22.50
1Eh
-81.00
1Eh
-75.00
1Fh
-23.25
3Fh
Reserved
1Fh
Reserved
1Fh
-82.50
1Fh
-76.50
Table 18 DRC Digital Gain Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com