Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 53 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 53 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 49Page - Cirrus Logic WM8944BECS/R Datasheet HTML 50Page - Cirrus Logic WM8944BECS/R Datasheet HTML 51Page - Cirrus Logic WM8944BECS/R Datasheet HTML 52Page - Cirrus Logic WM8944BECS/R Datasheet HTML 53Page - Cirrus Logic WM8944BECS/R Datasheet HTML 54Page - Cirrus Logic WM8944BECS/R Datasheet HTML 55Page - Cirrus Logic WM8944BECS/R Datasheet HTML 56Page - Cirrus Logic WM8944BECS/R Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 165 page
background image
WM8944B
Rev 4.3
53
OUTPUT SIGNAL PATHS ENABLE
Each analogue output pin can be independently enabled or disabled using the register bits described
in Table 31. The speaker PGA and mixers can also be controlled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3 (03h)
Power
management
2
14
OUT_ENA
0
LINEOUT enable
0 = Disabled
1 = Enabled
12
SPK_PGA_ENA
0
Speaker PGA enable
0 = Disabled
1 = Enabled
11
SPKN_SPKVDD_
ENA
0
SPKOUTN enable
0 = Disabled
1 = Enabled
Note that SPKOUTN is also
controlled by SPKN_OP_ENA.
When powering down SPKOUTN,
the SPKN_SPKVDD_ENA bit
should be reset first.
10
SPKP_SPKVDD_
ENA
0
SPKOUTP enable
0 = Disabled
1 = Enabled
Note that SPKOUTP is also
controlled by SPKP_OP_ENA.
When powering down SPKOUTP,
the SPKP_SPKVDD_ENA bit
should be reset first
7
SPKN_OP_ENA
0
SPKOUTN enable
0 = Disabled
1 = Enabled
Note that SPKOUTN is also
controlled by
SPKN_SPKVDD_ENA. When
powering up SPKOUTN, the
SPKN_OP_ENA bit should be
enabled first.
6
SPKP_OP_ENA
0
SPKOUTP enable
0 = Disabled
1 = Enabled
Note that SPKOUTP is also
controlled by
SPKP_SPKVDD_ENA. When
powering up SPKOUTP, the
SPKP_OP_ENA bit should be
enabled first
2
SPK_MIX_ENA
0
Speaker output mixer enable
0 = Disabled
1 = Enabled
Table 31 Output Signal Paths Enable
To enable the output PGA and mixers, the reference voltage VMID and the bias current must also be
enabled. See “Reference Voltages and Master Bias” for details of the associated controls VMID_SEL
and BIAS_ENA.
Note that the Line output, Speaker outputs, Speaker PGA mixer and Speaker PGA are all muted by
default. The required signal paths must be un-muted using the control bits described in the respective
tables below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com