Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 55 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 55 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 51Page - Cirrus Logic WM8944BECS/R Datasheet HTML 52Page - Cirrus Logic WM8944BECS/R Datasheet HTML 53Page - Cirrus Logic WM8944BECS/R Datasheet HTML 54Page - Cirrus Logic WM8944BECS/R Datasheet HTML 55Page - Cirrus Logic WM8944BECS/R Datasheet HTML 56Page - Cirrus Logic WM8944BECS/R Datasheet HTML 57Page - Cirrus Logic WM8944BECS/R Datasheet HTML 58Page - Cirrus Logic WM8944BECS/R Datasheet HTML 59Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 165 page
background image
WM8944B
Rev 4.3
55
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
AUX_TO_OUT_A
TTEN
0
AUX to Line Output Mixer
attenuation
0 = 0dB
1 = -6dB attenuation
Table 32 Line Output Mixer (MIXOUT) Control
SPEAKER PGA MIXER CONTROL
The Speaker PGA mixer (MIXSPK) controls are described in Table 33. These allow any of the DAC,
Inverted DAC, IN1, AUX and ADC Bypass signals to be mixed. A differential AUX/IN1 signal can also
be selected in the Speaker PGA mixer. The output of the Speaker PGA mixer can be muted using the
SPK_MIX_MUTE bit.
Note that, when selecting the differential AUX/IN1 signal as an input to the Speaker PGA mixer, the
IN1 pin provides the non-inverting path and the AUX pin provides the inverting signal path.
Note that the output from the Speaker PGA mixer is also controlled by the Speaker PGA Volume
control and the Speaker Output control described in the following sections.
Care should be taken when enabling more than one path to the Speaker PGA mixer in order to avoid
clipping. The gain of each input path is adjustable using a selectable -6dB control in each path to
facilitate this.
Note that the attenuation control field DAC_TO_PGA_ATTEN controls the DAC and the Inverted DAC
mixer paths to the Speaker PGA mixer. Note that the DAC input level may also be controlled by the
DAC digital volume control -
see “Digital to Analogue Converter (DAC)” for further details.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3 (03h)
Power
Management
1
4
SPK_MIX_MUTE
1
Speaker PGA Mixer Mute
0 = Disable Mute
1 = Enable Mute
R43 (2Bh)
SPK mixer
control 1
10
AUXDIFF_TO_PG
A
0
Differential AUX/IN1 to Speaker
PGA Mixer select
0 = Disabled
1 = Enabled
9
IN1_TO_PGA
0
IN1 to Speaker PGA Mixer select
0 = Disabled
1 = Enabled
6
BYP_TO_PGA
0
Input PGA (ADC bypass) to
Speaker PGA Mixer select
0 = Disabled
1 = Enabled
5
MDAC_TO_PGA
0
Inverted DAC to Speaker PGA
Mixer select
0 = Disabled
1 = Enabled
3
DAC_TO_PGA
0
DAC to Speaker PGA Mixer select
0 = Disabled
1 = Enabled
0
AUX_TO_PGA
0
AUX to Speaker PGA Mixer select
0 = Disabled
1 = Enabled
R45 (2Dh)
SPK mixer
control 3
10
AUXDIFF_TO_PG
A_ATTEN
0
Differential AUX/IN1 to Speaker
PGA Mixer attenuation
0 = 0dB
1 = -6dB attenuation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com