| Electronic Components Datasheet Search |
|
WM8944BECS/R Datasheet(PDF) 31 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8944BECS/R Datasheet(HTML) 31 Page - Cirrus Logic |
|
31 / 165 page ![]() WM8944B Rev 4.3 31 DSP CORE DSP Core is at the centre of the ADC / DAC / Digital Audio Interface (I2S) blocks. It provides signal routing, and also implements a number of configurable signal processing functions. The signal processing functions are arranged in three blocks, as follows: Signal Enhancement 1 (SE1) - Low-pass / High-pass filter, 3D-stereo enhancement, 5 notch filters, generic ‘Direct Form 1’ filter. Signal Enhancement 2 (SE2) – High Pass Filter, ReTune™ processing, 5-band equalizer. Signal Enhancement 3 (SE3) - Dynamic range control. Note that, although the WM8944B is largely a mono device, it supports a stereo signal path from the digital microphone interface to the digital audio interface. In the default configuration, the analogue input/output paths are associated with the Left channel of the digital audio interface. The DSP Configuration modes and each of the Signal Enhancement blocks is described in the following sections. DSP CONFIGURATION MODES The DSP Configuration Mode is determined using the SE_CONFIG register field; this configures the signal paths between the Signal Enhancement blocks and the ADC, Digital Microphone, DAC and Digital Audio interfaces. The supported DSP modes are illustrated in Figure 11. DAC DIGITAL AUDIO INTERFACE ADC (Left) DIGITAL AUDIO INTERFACE ADC (Left) DAC DIGITAL AUDIO INTERFACE ADC (Left) SE2 (HPF, Re-Tune, 5-band EQ) DAC DIGITAL AUDIO INTERFACE ADC (Left) SE2 (HPF, Re-Tune, 5-band EQ) SE3 (Dynamic Range Control) DAC DSP Record Mode DSP Playback Mode DSP General Mode 1 DSP General Mode 2 SE1 (LPF/HPF, 5-notch, DF1) SE2 (HPF, Re-Tune, 5-band EQ) SE3 (Dynamic Range Control) SE1 (LPF/HPF, 3D surround, 5-notch, DF1) SE1 (LPF/HPF, 3D surround, 5-notch, DF1) SE3 (Dynamic Range Control) SE1 (LPF/HPF, 3D surround, 5-notch, DF1) SE2 (HPF, Re-Tune, 5-band EQ) SE3 (Dynamic Range Control) Digital Mic Interface (Left + Right) Digital Mic Interface (Left + Right) Digital Mic Interface (Left + Right) Digital Mic Interface (Left + Right) Figure 11 DSP Configuration Modes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |