Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 101 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 101 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 97Page - Cirrus Logic WM8944BECS/R Datasheet HTML 98Page - Cirrus Logic WM8944BECS/R Datasheet HTML 99Page - Cirrus Logic WM8944BECS/R Datasheet HTML 100Page - Cirrus Logic WM8944BECS/R Datasheet HTML 101Page - Cirrus Logic WM8944BECS/R Datasheet HTML 102Page - Cirrus Logic WM8944BECS/R Datasheet HTML 103Page - Cirrus Logic WM8944BECS/R Datasheet HTML 104Page - Cirrus Logic WM8944BECS/R Datasheet HTML 105Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 165 page
background image
WM8944B
Rev 4.3
101
DESCRIPTION
LABEL
REGISTER [BITS]
Mute speaker PGA and DAC.
SPK_PGA_MUTE = 1
SPK_VOL = 00h
DAC_MUTE = 1
DAC_VOL = 0
R47 (2Fh) [6]
R47 (2Fh) [5:0]
R23 (17h) [8]
R23 (17h) [7:0]
Select LDO for fast start-up.
LDO_REF_SEL_FAST = 1
LDO_BIAS_SRC = 1
R53 (35h) [14]
R53 (35h) [5]
Select VMID for fast start-up.
VMID_SEL = 11
VMID_FAST_START =1
BIAS_SRC = 1
VMID_RAMP = 01
R2 (02h) [1:0]
R7 (07h) [11]
R7 (07h) [7]
R7 (07h) [6:5]
Disable VMID.
Delay 500ms for VMID to discharge.
VMID_ENA = 0
R7 (07h) [4]
Discharge the speaker and line outputs.
Delay 50ms for outputs to discharge.
SPKP_DISCH = 1
SPKN_DISCH = 1
LINE_DISCH = 1
R42 (2Ah) [7]
R42 (2Ah) [6]
R42 (2Ah) [4]
Mute the speaker and line outputs.
LINEOUT_MUTE = 1
SPKN_OP_MUTE = 1
SPKP_OP_MUTE = 1
R42 (2Ah) [8]
R03 (03h) [9]
R03 (03h) [8]
Disable power to speaker drivers
(must be done before disabling the speaker outputs).
SPKN_SPKVDD_ENA = 0
SPKP_SPKVDD_ENA = 0
R3 (03h) [11]
R3 (03h) [10]
Disable speaker outputs.
SPKN_OP_ENA = 0
SPKP_OP_ENA = 0
R3 (03h) [7]
R3 (03h) [6]
Reset registers to default state (software reset).
SW_RESET
R0 (00h) [15:0]
Turn off external power supply voltages.
Table 72 Recommended Power-Down Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com