Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 103 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 103 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 99Page - Cirrus Logic WM8944BECS/R Datasheet HTML 100Page - Cirrus Logic WM8944BECS/R Datasheet HTML 101Page - Cirrus Logic WM8944BECS/R Datasheet HTML 102Page - Cirrus Logic WM8944BECS/R Datasheet HTML 103Page - Cirrus Logic WM8944BECS/R Datasheet HTML 104Page - Cirrus Logic WM8944BECS/R Datasheet HTML 105Page - Cirrus Logic WM8944BECS/R Datasheet HTML 106Page - Cirrus Logic WM8944BECS/R Datasheet HTML 107Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 165 page
background image
WM8944B
Rev 4.3
103
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R26 (1Ah)
ADC Control 2
0
0
0
0
0
0
0
0
0
ADC_H
PF_MO
DE
ADC_HPF_SR
[1:0]
ADC_HPF_CUT [2:0]
ADC_H
PF
0021h
R27 (1Bh)
Left ADC Digital Vol
0
0
0
ADC_V
U
0
0
0
ADCL_
MUTE
ADCL_VOL [7:0]
00C0h
R28 (1Ch) Right ADC Digital Vol
0
0
0
ADC_V
U
0
0
0
ADCR_
MUTE
ADCR_VOL [7:0]
00C0h
R29 (1Dh) DRC Control 1
0
0
0
0
0
0
0
DRC_N
G_ENA
DRC_E
NA
0
0
0
1
DRC_
QR
DRC_A
NTI
CLIP
1
000Fh
R30 (1Eh)
DRC Control 2
0
0
0
DRC_NG_MINGAIN [3:0]
0
0
0
1
DRC_MINGAIN [2:0]
DRC_MAX
GAIN [1:0]
0C25h
R31 (1Fh)
DRC Control 3
0
0
0
0
0
0
1
1
DRC_ATK [3:0]
DRC_DCY [3:0]
0342h
R32 (20h)
DRC Control 4
0
0
0
DRC_KNEE2_IP [4:0]
DRC_KNEE_IP [5:0]
0
0
0000h
R33 (21h)
DRC Control 5
0
0
DRC_K
NEE2_
OP_EN
A
DRC_KNEE2_OP [4:0]
DRC_KNEE_OP [4:0]
DRC_HI_COMP [2:0]
0003h
R34 (22h)
DRC Control 6
0
0
0
0
0
0
0
0
0
0
0
0
DRC_QR_THR
[1:0]
DRC_QR_DCY
[1:0]
0000h
R35 (23h)
DRC Control 7
0
0
0
0
0
0
DRC_NG_ EXP
[1:0]
DRC_LO_COMP [2:0]
DRC_INIT [4:0]
0000h
R36 (24h)
DRC Status
(Read only)
DRC_GAIN [15:0]
0000h
R37 (25h)
Beep Control 1
0
0
0
0
0
0
0
0
0
BEEP_GAIN [3:0]
BEEP_RATE
[1:0]
BEEP_
ENA
0002h
R38 (26h)
Video Buffer
0
0
0
0
0
0
0
0
VB_EN
A
VB_QB
OOST
VB_GA
IN
VB_DISOFF [2:0]
VB_PD VB_CL
AMP
001Ch
R39 (27h)
Input ctrl
0
0
0
0
0
0
AUX_T
O_N_I
NPGA
0
0
MICB_
LVL
0
0
0
0
P_PGA_SEL
[1:0]
0001h
R40 (28h)
Input PGA gain ctrl
0
0
0
0
0
0
0
0
INPGA
_ZC
INPGA
_MUTE
INPGA_VOL [5:0]
0050h
R42 (2Ah)
Output ctrl
THERR
_ACT
0
SPKN_
VMID_
OP_EN
A
SPKP_
VMID_
OP_EN
A
0
LINE_V
MID_O
P_ENA
0
LINE_
MUTE
SPKN_
DISCH
SPKP_
DISCH
0
LINE_
DISCH
0
0
SPK_V
ROI
LINE_V
ROI
8100h
R43 (2Bh)
SPK mixer control1
0
0
0
0
0
AUX
DIFF_T
O_PGA
IN1_T
O_PGA
AUX_T
O_SPK
P
PGA_T
O_SPK
P
BYP_T
O_PGA
MDAC
_TO_P
GA
0
DAC_T
O_PGA
0
0
AUX_T
O_PGA
0000h
R44 (2Ch) SPK mixer control2
0
0
0
0
0
0
IN1_T
O_SPK
N
0
PGA_T
O_SPK
N
0
0
0
0
0
0
0
0000h
R45 (2Dh) SPK mixer control3
0
0
0
0
0
AUX
DIFF_T
O_PGA
_ATTE
N
IN1_T
O_PGA
_ATTE
N
AUX_T
O_SPK
P_ATT
EN
PGA_T
O_SPK
P_ATT
EN
BYP_T
O_PGA
_ATTE
N
0
0
DAC_T
O_PGA
_ATTE
N
0
0
AUX_T
O_PGA
_ATTE
N
0000h
R46 (2Eh)
SPK mixer control4
0
0
0
0
0
0
IN1_T
O_SPK
N_ATT
EN
0
PGA_T
O_SPK
N_ATT
EN
0
0
0
0
0
0
0
0000h
R47 (2Fh)
SPK volume ctrl
0
0
0
0
0
0
0
0
SPK_Z
C
SPK_P
GA_M
UTE
SPK_VOL [5:0]
0079h
R49 (31h)
Line mixer control 1
0
0
0
0
0
AUX
DIFF_T
O_OUT
IN1_T
O_OUT
0
0
BYP_T
O_OUT
MDAC
_TO_O
UT
0
DAC_T
O_OUT
0
0
AUX_T
O_OUT
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com