Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 106 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 106 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 102Page - Cirrus Logic WM8944BECS/R Datasheet HTML 103Page - Cirrus Logic WM8944BECS/R Datasheet HTML 104Page - Cirrus Logic WM8944BECS/R Datasheet HTML 105Page - Cirrus Logic WM8944BECS/R Datasheet HTML 106Page - Cirrus Logic WM8944BECS/R Datasheet HTML 107Page - Cirrus Logic WM8944BECS/R Datasheet HTML 108Page - Cirrus Logic WM8944BECS/R Datasheet HTML 109Page - Cirrus Logic WM8944BECS/R Datasheet HTML 110Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 165 page
background image
WM8944B
106
Rev 4.3
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R144 (90h) SE2_5BEQ_L2P
SE2_5BEQ_L2P [15:0]
0558h
R145 (91h) SE2_5BEQ_L2A
SE2_5BEQ_L2A [15:0]
1C58h
R146 (92h) SE2_5BEQ_L2B
SE2_5BEQ_L2B [15:0]
F373h
R147 (93h) SE2_5BEQ_L2C
SE2_5BEQ_L2C [15:0]
0A54h
R148 (94h) SE2_5BEQ_L3P
SE2_5BEQ_L3P [15:0]
1103h
R149 (95h) SE2_5BEQ_L3A
SE2_5BEQ_L3A [15:0]
168Eh
R150 (96h) SE2_5BEQ_L3B
SE2_5BEQ_L3B [15:0]
F829h
R151 (97h) SE2_5BEQ_L3C
SE2_5BEQ_L3C [15:0]
07ADh
R152 (98h) SE2_5BEQ_L4P
SE2_5BEQ_L4P [15:0]
4000h
R153 (99h) SE2_5BEQ_L4A
SE2_5BEQ_L4A [15:0]
0564h
R154 (9Ah) SE2_5BEQ_L4B
SE2_5BEQ_L4B [15:0]
0559h
R155 (9Bh) SE2_5BEQ_R10G
0
0
0
SE2_5BEQ_R1G [4:0]
0
0
0
SE2_5BEQ_R0G [4:0]
0C0Ch
R156 (9Ch) SE2_5BEQ_R32G
0
0
0
SE2_5BEQ_R3G [4:0]
0
0
0
SE2_5BEQ_R2G [4:0]
0C0Ch
R157 (9Dh) SE2_5BEQ_R4G
0
0
0
0
0
0
0
0
0
0
0
SE2_5BEQ_R4G [4:0]
000Ch
R158 (9Eh) SE2_5BEQ_R0P
SE2_5BEQ_R0P [15:0]
00D8h
R159 (9Fh) SE2_5BEQ_R0A
SE2_5BEQ_R0A [15:0]
0FCAh
R160 (A0h) SE2_5BEQ_R0B
SE2_5BEQ_R0B [15:0]
0400h
R161 (A1h) SE2_5BEQ_R1P
SE2_5BEQ_R1P [15:0]
01C5h
R162 (A2h) SE2_5BEQ_R1A
SE2_5BEQ_R1A [15:0]
1EB5h
R163 (A3h) SE2_5BEQ_R1B
SE2_5BEQ_R1B [15:0]
F145h
R164 (A4h) SE2_5BEQ_R1C
SE2_5BEQ_R1C [15:0]
0B75h
R165 (A5h) SE2_5BEQ_R2P
SE2_5BEQ_R2P [15:0]
0558h
R166 (A6h) SE2_5BEQ_R2A
SE2_5BEQ_R2A [15:0]
1C58h
R167 (A7h) SE2_5BEQ_R2B
SE2_5BEQ_R2B [15:0]
F373h
R168 (A8h) SE2_5BEQ_R2C
SE2_5BEQ_R2C [15:0]
0A54h
R169 (A9h) SE2_5BEQ_R3P
SE2_5BEQ_R3P [15:0]
1103h
R170 (AAh) SE2_5BEQ_R3A
SE2_5BEQ_R3A [15:0]
168Eh
R171 (ABh) SE2_5BEQ_R3B
SE2_5BEQ_R3B [15:0]
F829h
R172 (ACh) SE2_5BEQ_R3C
SE2_5BEQ_R3C [15:0]
07ADh
R173 (ADh) SE2_5BEQ_R4P
SE2_5BEQ_R4P [15:0]
4000h
R174 (AEh) SE2_5BEQ_R4A
SE2_5BEQ_R4A [15:0]
0564h
R175 (AFh) SE2_5BEQ_R4B
SE2_5BEQ_R4B [15:0]
0559h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com