Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 150 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 150 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 146Page - Cirrus Logic WM8944BECS/R Datasheet HTML 147Page - Cirrus Logic WM8944BECS/R Datasheet HTML 148Page - Cirrus Logic WM8944BECS/R Datasheet HTML 149Page - Cirrus Logic WM8944BECS/R Datasheet HTML 150Page - Cirrus Logic WM8944BECS/R Datasheet HTML 151Page - Cirrus Logic WM8944BECS/R Datasheet HTML 152Page - Cirrus Logic WM8944BECS/R Datasheet HTML 153Page - Cirrus Logic WM8944BECS/R Datasheet HTML 154Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 165 page
background image
WM8944B
150
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R164 (A4h)
SE2_5BEQ_
R1C
15:0
SE2_5BEQ_
R1C [15:0]
0000_1011
_0111_010
1
Filter coefficients for Signal Enhancement 2 (SE2) right
channel 5-band EQ filter
Register A4h SE2_5BEQ_R1C
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R165 (A5h)
SE2_5BEQ_
R2P
15:0
SE2_5BEQ_
R2P [15:0]
0000_0101
_0101_100
0
Filter coefficients for Signal Enhancement 2 (SE2) right
channel 5-band EQ filter
Register A5h SE2_5BEQ_R2P
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R166 (A6h)
SE2_5BEQ_
R2A
15:0
SE2_5BEQ_
R2A [15:0]
0001_1100
_0101_100
0
Filter coefficients for Signal Enhancement 2 (SE2) right
channel 5-band EQ filter
Register A6h SE2_5BEQ_R2A
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R167 (A7h)
SE2_5BEQ_
R2B
15:0
SE2_5BEQ_
R2B [15:0]
1111_0011
_0111_001
1
Filter coefficients for Signal Enhancement 2 (SE2) right
channel 5-band EQ filter
Register A7h SE2_5BEQ_R2B
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R168 (A8h)
SE2_5BEQ_
R2C
15:0
SE2_5BEQ_
R2C [15:0]
0000_1010
_0101_010
0
Filter coefficients for Signal Enhancement 2 (SE2) right
channel 5-band EQ filter
Register A8h SE2_5BEQ_R2C
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R169 (A9h)
SE2_5BEQ_
R3P
15:0
SE2_5BEQ_
R3P [15:0]
0001_0001
_0000_001
1
Filter coefficients for Signal Enhancement 2 (SE2) right
channel 5-band EQ filter
Register A9h SE2_5BEQ_R3P
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R170 (Aah)
SE2_5BEQ_
R3A
15:0
SE2_5BEQ_
R3A [15:0]
0001_0110
_1000_111
0
Filter coefficients for Signal Enhancement 2 (SE2) right
channel 5-band EQ filter
Register Aah SE2_5BEQ_R3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com