Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7412 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7412
Description  CARRADIO SIGNAL PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7412 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7412 Datasheet HTML 9Page - STMicroelectronics TDA7412 Datasheet HTML 10Page - STMicroelectronics TDA7412 Datasheet HTML 11Page - STMicroelectronics TDA7412 Datasheet HTML 12Page - STMicroelectronics TDA7412 Datasheet HTML 13Page - STMicroelectronics TDA7412 Datasheet HTML 14Page - STMicroelectronics TDA7412 Datasheet HTML 15Page - STMicroelectronics TDA7412 Datasheet HTML 16Page - STMicroelectronics TDA7412 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
13/56
TDA7412
1.4 Loudness
There are four parameters programmable in the loudness stage:
1.4.1 Attenuation
Figure 2 shows the attenuation as a function of frequency at fP = 400Hz
Figure 2. Loudness Attenuation @ fP = 400Hz.
1.4.2 Peak Frequency
Figure 3 shows the four possible peak-frequencies at 200, 400, 600 and 800HzFigure 3: Loudness Center fre-
quencies @ Attn. = 15dB
Figure 3. Loudness Center frequencies @ Attn. = 15dB.
dB
Hz
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
10.0
100.0
1.0K
10.0K
dB
Hz
-20.0
-15.0
-10.0
-5.0
0.0
10.0
100.0
1.0K
10.0K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com