Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7412 Datasheet(PDF) 45 Page - STMicroelectronics

Part # TDA7412
Description  CARRADIO SIGNAL PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7412 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button TDA7412 Datasheet HTML 41Page - STMicroelectronics TDA7412 Datasheet HTML 42Page - STMicroelectronics TDA7412 Datasheet HTML 43Page - STMicroelectronics TDA7412 Datasheet HTML 44Page - STMicroelectronics TDA7412 Datasheet HTML 45Page - STMicroelectronics TDA7412 Datasheet HTML 46Page - STMicroelectronics TDA7412 Datasheet HTML 47Page - STMicroelectronics TDA7412 Datasheet HTML 48Page - STMicroelectronics TDA7412 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
45/56
TDA7412
9.6.11Subwoofer Configuration / Bass (10)
9.6.12Soft Step Time (11)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
1
0
1
0
1
Subwoofer Filter
off
80Hz
120Hz
160Hz
0
1
Subwoofer Outputs
differential (mono)
single ended (stereo)
0
1
Subwoofer Source
Second Source
Main Source
0
1
Subwoofer Phase
180°
0°
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Bass Center-Frequency
60Hz
80Hz
70Hz
90Hz
100Hz
130Hz
150Hz
200Hz
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
00
Not used
Not used
Not used
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
0
1
0
1
SoftStep-Time
160µs
1.28ms
5.12ms
20.4ms
0
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com