Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7412 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7412
Description  CARRADIO SIGNAL PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7412 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7412 Datasheet HTML 20Page - STMicroelectronics TDA7412 Datasheet HTML 21Page - STMicroelectronics TDA7412 Datasheet HTML 22Page - STMicroelectronics TDA7412 Datasheet HTML 23Page - STMicroelectronics TDA7412 Datasheet HTML 24Page - STMicroelectronics TDA7412 Datasheet HTML 25Page - STMicroelectronics TDA7412 Datasheet HTML 26Page - STMicroelectronics TDA7412 Datasheet HTML 27Page - STMicroelectronics TDA7412 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
TDA7412
24/56
Lmin
min. LEVEL Gain
-1
0
1
dB
Lmaxs
max. LEVEL Gain
5
6
7
dB
LGstep
LEVEL Gain Step Resolution
see section 2.7
0.2
0.4
0.6
dB
VSBLmin Min. Voltage for Mono
see section 2.8
17
20
23
%REF5V
VSBLmax Max. Voltage for Mono
see section 2.8
62
70
78
%REF5V
VSBLstep Step Resolution
see section 2.8
1.6
3.3
5.0
%REF5V
VHCHmin Min. Voltage for NO Highcut
see section 2.9
37
42
47
%REF5V
VHCHmax Max. Voltage for NO Highcut
see section 2.9
58
66
74
%REF5V
VHCHstep Step Resolution
see section 2.9
4.2
8.4
12.6
%REF5V
VHCLmin Min. Voltage for FULL High cut
see section 2.9
15
17
19
%VHCH
VHCLmax Max. Voltage for FULL High cut
see section 2.9
29
33
37
%VHCH
VHCLstep Step Resolution
see section 2.9
2.1
4.2
6.3
%REF5V
Carrier and harmonic suppression at the output
α19
Pilot Signal f=19kHz
40
50
dB
α38
Subcarrier f=38kHz
75
dB
α57
Subcarrier f=57kHz
62
dB
α76
Subcarrier f=76kHz
90
dB
Intermodulation (Note 2.3.1)
α2fmod=10kHz, fspur=1kHz
65
dB
α3fmod=13kHz, fspur=1kHz
75
dB
Traffic Radio (Note 2.3.2)
α57
Signal f=57kHz
70
dB
SCA - Subsidiary Communications Authorization (Note 2.3.3)
α67
Signal f = 67kHz
75
dB
ACI - Adjacent Channel Interference (Note 2.3.4)
α114
Signal f=114kHz
95
dB
α190
Signal f=190kHz
84
dB
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
2.2 ELECTRICAL CHARACTERISTICS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com