Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7412 Datasheet(PDF) 52 Page - STMicroelectronics

Part # TDA7412
Description  CARRADIO SIGNAL PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7412 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button TDA7412 Datasheet HTML 48Page - STMicroelectronics TDA7412 Datasheet HTML 49Page - STMicroelectronics TDA7412 Datasheet HTML 50Page - STMicroelectronics TDA7412 Datasheet HTML 51Page - STMicroelectronics TDA7412 Datasheet HTML 52Page - STMicroelectronics TDA7412 Datasheet HTML 53Page - STMicroelectronics TDA7412 Datasheet HTML 54Page - STMicroelectronics TDA7412 Datasheet HTML 55Page - STMicroelectronics TDA7412 Datasheet HTML 56Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
TDA7412
52/56
9.6.25Stereodecoder Configuration (30)
Notes: 1. Using the Multipath Time-Constants for Stereo-Bland and High-Cut
9.6.26Testing Stereodecoder(31)
Note : This byte is used for testing or evaluation purposes only and must not set to other values than "11111100" in the application!
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
Multipath Influence on High-Cut
On
Off
0
1
Multipath Influence on Stereo-Blend
On
Off
0
1
1
x
1
x
Level-Input over Multipath-Detector1
On
Off
0
1
Dual MPX Mode
On
Off
1
1
1
1
1
must be "1"
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
Main Testmode
off
on
0
1
Stereodecoder Testmode
off
on
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Testsignals
F228
NB threshold
Level for Stereo-Blend
Pilot magnitude
VHCCL
Pilot threshold
VHCCH
REF5V
HOLDN
NB Peak
AM-Rectifier
VCOCON; VCO Control Voltage
VSBL
Pilot threshold
Level for High-Cut
REF5V
0
1
Audioprocessor Oscillator
Off
On
1
must be "1"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com