Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7412 Datasheet(PDF) 46 Page - STMicroelectronics

Part # TDA7412
Description  CARRADIO SIGNAL PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7412 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button TDA7412 Datasheet HTML 42Page - STMicroelectronics TDA7412 Datasheet HTML 43Page - STMicroelectronics TDA7412 Datasheet HTML 44Page - STMicroelectronics TDA7412 Datasheet HTML 45Page - STMicroelectronics TDA7412 Datasheet HTML 46Page - STMicroelectronics TDA7412 Datasheet HTML 47Page - STMicroelectronics TDA7412 Datasheet HTML 48Page - STMicroelectronics TDA7412 Datasheet HTML 49Page - STMicroelectronics TDA7412 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
TDA7412
46/56
9.6.13Configuration Audioprocessor I (12)
9.6.14Configuration Audioprocessor II (13)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
SoftStep (Volume & Speaker Attenuator0
off
on
0
1
Main Loudness
flat
Filter ON
0
1
Second Loudness
flat
Filter ON
0
0
1
1
0
1
0
1
Front Speaker
not allowed
Second Source internal coupled
Main Source AC-coupled
Main Source internal coupled
0
0
1
1
0
1
0
1
Rear Speaker
not allowed
Second Source internal coupled
Main Source AC-coupled
Main Source internal coupled
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
Pause Detector
off
on
0
0
1
1
0
1
0
1
Pause ZC Window
160mV
80mV
40mV
not allowed
0
1
FD1 Mode
single ended
differential
0
0
1
1
0
1
0
1
FD1 Attenuation
-12dB
-6dB
-6dB
0dB
0
1
FD2 Attenuation
-6dB
0dB
0
1
MD1 Mode
single ended
differential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com